Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1621 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # SS1621
Description  RAM MAPPING 32 X 4 LCD CONTROLLER FOR I/O UC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS1621 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button SS1621 Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 9Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 10Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 11Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 12Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 13Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 14Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
SS1621
p. 15
Last update: 2008-06-03 04:36
Name
ID
Command Code
D/C
Function
Def.
The WDT time-out flag after: 2s
Time base/WDT clock
Output: 4Hz
F4
10 0 101X-X010-X
C
The WDT time-out flag after: 1s
Time base/WDT clock
Output: 8Hz
F8
10 0 101X-X011-X
C
The WDT time-out flag after: 1/2s
Time base/WDT clock
Output: 16Hz
F16
10 0 101X-X100-X
C
The WDT time-out flag after: 1/4s
Time base/WDT clock
Output: 32Hz
F32
10 0 101X-X101-X
C
The WDT time-out flag after: 1/8s
Time base/WDT clock
Output: 64Hz
F64
10 0 101X-X110-X
C
The WDT time-out flag after: 1/16s
Time base/WDT clock
Output: 128Hz
F128
10 0 101X-X111-X
C
The WDT time-out flag after: 1/32s
Yes
TEST
10 0 1110-0000-X
C
NORMAL
10 0 1110-0011-X
C
Yes
Note: X: Don’t care
A5~A0: RAM addresses
D3~D0: RAM data
D/C: Data/command mode
Def.: Power on reset default
All the bold forms, namely 110, 101, and 100, are mode commands. Of these, 100
indicates the command mode ID. If successive commands have been issued, the command mode ID
except for the first command will be omitted. The source of the tone frequency and of the time
base/WDT clock frequency can be derived from an on-chip 256kHz RC oscillator, a 32.768kHz
crystal oscillator, or an external 256kHz clock. Calculation of the frequency is based on the system
frequency sources as stated above. It is recommended that the host controller should initialize the
SS1621 after power on reset, for power on reset may fail, which in turn leads to the malfunctioning
of the SS1621.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com