Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P330 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P330
Description  8-Bit Microprocessor with OTP ROM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P330 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P330 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
EM78P330/331N
8-Bit Microprocessor with OTP ROM
Product Specification (V 1.1) 03.13.2007
• 7
(This specification is subject to change without further notice)
"CALL" instruction loads the lower 10 bits of the PC, and then PC+1 is pushed onto
the stack. Thus, the subroutine entry address can be located anywhere within a
page.
"RET" ("RETL k", "RETI") instruction loads the program counter with the contents
of the top of stack.
"ADD R2, A" allows a relative address to be added to the current PC, and the ninth
and above bits of the PC will increase progressively.
"MOV R2, A" allows loading of an address from the "A" register to the lower 8 bits of
the PC, and the ninth and tenth bits (A8 ~ A9) of the PC will remain unchanged.
Any instruction (except “ADD R2,A”) that is written to R2 (e.g., "MOV R2, A", "BC
R2, 6",
⋅⋅⋅⋅⋅) will cause the ninth bit and the tenth bit (A8 ~ A9) of the PC to remain
unchanged.
In the case of EM78P330N, the most three significant bits (A12,A11 and A10) will
be loaded with the content of PS2,PS1 and PS0 in the status register (R3) upon
execution of a "JMP", "CALL", or any other instructions set which write to R2.
All instructions are single instruction cycle (fclk/2 or fclk/4) except for the
instructions that are written to R2. Note that these instructions need one or two
instructions cycle as determined by Code Option Register CYES bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com