Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS302DL Datasheet(PDF) 17 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LIS302DL_07 Datasheet HTML 13Page - STMicroelectronics LIS302DL_07 Datasheet HTML 14Page - STMicroelectronics LIS302DL_07 Datasheet HTML 15Page - STMicroelectronics LIS302DL_07 Datasheet HTML 16Page - STMicroelectronics LIS302DL_07 Datasheet HTML 17Page - STMicroelectronics LIS302DL_07 Datasheet HTML 18Page - STMicroelectronics LIS302DL_07 Datasheet HTML 19Page - STMicroelectronics LIS302DL_07 Datasheet HTML 20Page - STMicroelectronics LIS302DL_07 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
LIS302DL
Application hints
17/42
4
Application hints
Figure 5.
LIS302DL electrical connection
The device core is supplied through Vdd line while the I/O pads are supplied through
Vdd_IO line. Power supply decoupling capacitors (100 nF ceramic, 10
µF Al) should be
placed as near as possible to the pin 6 of the device (common design practice).
All the voltage and ground supplies must be present at the same time to have proper
behavior of the IC (refer to Figure 5). It is possible to remove Vdd maintaining Vdd_IO
without blocking the communication busses, in this condition the measurement chain is
powered off.
The functionality of the device and the measured acceleration data is selectable and
accessible through the I2C/SPI interface.When using the I2C, CS must be tied high.
The functions, the threshold the timing of the two interrupt pins (INT 1 and INT 2) can be
completely programmed by the user though the I2C/SPI interface.
4.1
Soldering information
The LGA package is compliant with the ECOPACK, RoHS and “Green” standard. It is
qualified for soldering heat resistance according to JEDEC J-STD-020C.
Leave “Pin#1 indicator” unconnected during soldering.
Land pattern and soldering recommendation are available at www.st.com/mems
6
8
13
1
Top VIEW
10uF
Vdd
100nF
GND
Vdd_IO
Digital signal from/to signal controller.Signal’s levels are defined by proper selection of Vdd_IO
1
13
8
6
TOP VIEW
X
Z
Y
Direction of the
detectable
accelerations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com