Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTM105 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # HTM105
Description  HTM 105/230…240
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HTM105 Datasheet(HTML) 3 Page - OSRAM GmbH

  HTM105 Datasheet HTML 1Page - OSRAM GmbH HTM105 Datasheet HTML 2Page - OSRAM GmbH HTM105 Datasheet HTML 3Page - OSRAM GmbH HTM105 Datasheet HTML 4Page - OSRAM GmbH HTM105 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wire preparation length, input side
12 / 7.0 mm 1)
Wire preparation length, output side
12 / 7.0 mm 1)
Product weight
125.00 g
1) Cable sheath / Wire
Temperatures
Ambient temperature range
0…+45 °C
Maximum temperature at tc test point
85 °C
Additional product data
Design / version
Compact with cable clamp
Capabilities
Dimmer
Trailing- or leading-edge phase control for inductive
load dimmers
Overload protection
Automatic reversible
Overheating protection
Automatic reversible
Short-circuit protection
Automatic reversible
Maximum wiring length ECG/lamp
2.0 m
Cable types, input side
NYM 3x1.5 / H05VV-F 3x0.75 / H05VV-F 3x1.0 /
H05VV-F 3x1.5 / H05VV-F 2x0.75 / H05VV-F 2x1.0 /
H05VV-F 2x1.5 / H05VVH2-F 2x0.75 / H05VVH2-F
2x1.5 mm²
Cable types, output side
NYM 3x1.5 / H05VV-F 3x0.75 / H05VV-F 3x1.5 /
H05VV-F 3x1.5 / H05VV-F 2x0.75 / H05VV-F 2x1.5 /
H05VVH2-F 2x0.75 mm²
Dimmable
Yes
Dimming range
0…100 %
No-load proof
Yes
Suitable for fixtures with prot. class
II
Certificates & standards
Approval marks – approval
VDE / VDE-EMC / E1 approval
Standards
acc. to EN 55015:2006 + A1:2007/acc. to EN 61000-3-
2/acc. to EN 61547/acc. to EN 61047/acc. to IEC
61347
Product datasheet
__
August 25, 2014, 16:00:29
© 2014, OSRAM GmbH. All rights reserved.
HTM 105/230…240
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com