Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66740 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # 66740
Description  HALOPIN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

66740 Datasheet(HTML) 2 Page - OSRAM GmbH

  66740 Datasheet HTML 1Page - OSRAM GmbH 66740 Datasheet HTML 2Page - OSRAM GmbH 66740 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Information
The smallest mains voltage halogen lamp of OSRAM
HALOPIN
Light data:
Maintenance
Decrease of luminous flux < 20% after 75% of the nominal life time
Colour temperature
2800 K
± 100
UV-radiation
The irradiance is clear below the NIOSH-threshold values for skin and eye.
Due to UV-absorbing quartz glass the bleaching is clear reduced (depending on radiated material).
Light distribution
Available on the Light programm CD-ROM, in the directory “Eulumdat”.
Geometry:
Values in mm
66725/AM; 66740/AM
66660/AM; 66675/AM
Overall length L
Max. 43 mm
Max. 51 mm
Bulb length C
Max. 38 mm
Max. 46mm
LCL H
22 mm
26,5 mm
Bulb-
∅ D
Max. 14 mm
Max. 14 mm
H
C
L
D
C
L
H
D
Please note:
Dimensions and tolerances are subject to change within the IEC regulations! Not explicitly given
dimensions cannot be evaluated by measuring lamp samples!
HAL M-M, Edition 6/04
2/3
Subject to alteration



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com