Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66740AM Datasheet(PDF) 3 Page - OSRAM GmbH

Part # 66740AM
Description  HALOPIN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

66740AM Datasheet(HTML) 3 Page - OSRAM GmbH

  66740AM Datasheet HTML 1Page - OSRAM GmbH 66740AM Datasheet HTML 2Page - OSRAM GmbH 66740AM Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Information
The smallest mains voltage halogen lamp of OSRAM
HALOPIN
Temperature behaviour:
Pinch
Pin
Mechanical spring
Burning position
Free burning, vertical
Max. permitted temperature
acc. to IEC
350°C*
250°C
350°C
Operating temperatures
66725
175°C
130°C
170°C
measured free burning
66740
210°C
150°C
210°C
66660
220°C
140°C
220°C
66675
240°C
In preparation
*Special foils on the pinch allows higher temperatures (= 370°C) than IEC 60357.
Measurement conditions:
Measurement in the most unfavourable burning position for the pinch and the pins.
Surrounding temperature: 25° (acc to DIN 5032)
Voltage: 230V
Lamp holder: BJB 25.830.100.00
Operating temperatures for free burning use are not obliging and are useful only for
orientation.
Operating conditions:
Burning position
Any
Areas of application
For outdoor applications and operation in damp locations special approved fixtures are re-
quired.
Dimmability
100%
Safety Informations:
According to IEC 60598-1 "minimum safety distance" the max. temperature permitted on the
illuminated area is 90°C. This max. temperature has to be ensured by the minimum distance.
This distance has to be determined through the luminaire manufacturer by appropriate
measurements.
When placing the lamp into the holder ensure not to touch the bulb with bare hands
Environmental sensitivity:
HALOPIN can be disposed of as houshold waste.
Validity:
These technical information sheets (TI-sheets) are updated in irregular intervals. The user is
responsible to ensure that the information they have is up to date and still valid. Once a new
TI-sheet has been issued, former editions are to be seen as invalid and disposed of.
HAL M-M, Edition 6/04
3/3
Subject to alteration



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com