Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6591 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6591
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6591 Datasheet HTML 17Page - STMicroelectronics L6591 Datasheet HTML 18Page - STMicroelectronics L6591 Datasheet HTML 19Page - STMicroelectronics L6591 Datasheet HTML 20Page - STMicroelectronics L6591 Datasheet HTML 21Page - STMicroelectronics L6591 Datasheet HTML 22Page - STMicroelectronics L6591 Datasheet HTML 23Page - STMicroelectronics L6591 Datasheet HTML 24Page - STMicroelectronics L6591 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
L6591
Application information
21/32
Figure 13.
Oscillator waveforms and their relationship with gate-driving signals
5.7
Adaptive UVLO
A major problem when optimizing a converter for minimum no-load consumption is that the
voltage generated by the self-supply system under these conditions falls considerably as
compared even to a few mA load. This very often causes the IC's supply voltage Vcc to drop
and go below the UVLO threshold of the controller so that the operation becomes
intermittent, which is undesired. A low UVLO threshold would be helpful but it could be an
issue to drive the MOSFETS with a sufficient gate-drive voltage at heavy load during power
off.
To help the designer overcome this problem, the L6591, besides reducing its own
consumption during burst-mode operation, also features a proprietary adaptive UVLO
function. It consists of shifting the UVLO threshold downwards at light load, namely when
the voltage at pin COMP falls below a threshold VCOMPL internally fixed, so as to provide
more headroom. To prevent any malfunctioning during transients from minimum to
maximum load the normal (higher) UVLO threshold is re-established when the voltage at pin
COMP exceeds VCOMPL (with some mV hysteresis) and Vcc has exceeded the normal
UVLO threshold (see Figure 16). The normal UVLO threshold ensures that under heavy
load conditions the MOSFETS will be driven with an appropriate gate voltage.
Figure 14.
Adaptive UVLO block
  OSC
HVG
t
t
LVG
t
Clock
t
Tsw
Td
T on
Td
Td
 
UVLO
Vcc
L6591
COMP
R
S
Q
SW
9
7
VCOMPL
PFC_ ST OP
logic
PFC_STOP
8
VCOMP
Vcc
Q
t
t
t
(*) VCC OFF2 < VCC OFF1 is selected when Q is high
VCC OFF1
VCC OFF2 (*)
VCOMPO
VCOMPL
VCC OFF1
(*) VCC OFF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com