| Electronic Components Datasheet Search |
|
TDA7590 Datasheet(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7590 Datasheet(HTML) 32 Page - STMicroelectronics |
|
32 / 40 page ![]() Appendix 1 TDA7590 32/40 movep #INIT_PLL_FCR,x:PLL_FCR ; set fract value. bset #FRACEN,x:<<PLL_CSR ; enable fractional-n operation. movep #INIT_PLL_CLKCTL,x:PLL_CLKCTL ; setup the clock generation. IF 1 ;------------------------------------------------------------------------ ; Initialise CODEC ;------------------------------------------------------------------------ init_codec movep #INIT_CODEC_CSR,x:CODEC_CSR ; initialise CODEC control/status reg ;------------------------------------------------------------------------ ; Initialise SAI ;------------------------------------------------------------------------ ; The receiver and transmitter control/status register are configured the same for simplicity only. ; Master mode , 24-bit word-size , MSB first , Low word clock = left word , Neg bit-clk polarity , ; Non i2s format , (For 32-bit words) First bit x 8 , Interrupts enabled. init_sai movep #INIT_SAI_TCS,y:SAI_TCS ; initialise transmit control/status reg movep #INIT_SAI_RCS,y:SAI_RCS ; initialise receiver control/status reg ;------------------------------------------------------------------------ ; Enable gpios for HI ;------------------------------------------------------------------------ bset #GPIO0_DIR,x:GPIOCTRL ; Setup HI pin for GPIO mode bset #GPIO0_DIR,x:GPIODIR ; Setup GPIO as output bset #GPIO1_DIR,x:GPIOCTRL ; Setup HI pin for GPIO mode bset #GPIO1_DIR,x:GPIODIR ; Setup GPIO as output ENDIF ;------------------------------------------------------------------------ ; Initialize ESSI0 ;------------------------------------------------------------------------ IF 1 init_essi movep #$181801,x:M_CRA0 ; cra0_addr, 24'b010110000001100000011110 ; The divider control is set to 1 (2 words per frame) ; for Normal mode, bits are left aligned to bit 23. Word ; length is set to 24 bits.PM = 1 -> Fcore/4. movep #$fc113e,x:M_CRB0 ; crb0_addr, 24'b111111000001010100111110 ; The receive exception and transmit exception interrupts ; are enabled as are receive last slot and transmit last ; slot. It is set in the synchronous normal mode. Data and ; frame sync are clocked out on the rising edge of the clock. ; Frame sync polarity is positive and occurs together with the ; the first bit of data from the first slot. MSB is shifted ; first. SC2 o/p SC1 o/p SC0 o/p Enable_pins ;------------------------------------------------------------------------ move #$01c000,x0 ; movep x:M_CRB0,b1 ; or x0,b1 ; // Enable TX2/TX1/TX0 (ESSI 0) movep #$00003f,x:M_PCRC ; // ALL Pins are ESSI. ; check that all pins are enabled rep #$05 nop |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |