Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20C4 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST20C4
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 26Page - STMicroelectronics ST20C4 Datasheet HTML 27Page - STMicroelectronics ST20C4 Datasheet HTML 28Page - STMicroelectronics ST20C4 Datasheet HTML 29Page - STMicroelectronics ST20C4 Datasheet HTML 30Page - STMicroelectronics ST20C4 Datasheet HTML 31Page - STMicroelectronics ST20C4 Datasheet HTML 32Page - STMicroelectronics ST20C4 Datasheet HTML 33Page - STMicroelectronics ST20C4 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 212 page
background image
®
30/212
Knowledge of the structure of code generated by the compiler allows this process to
be performed on individual blocks of code rather than on the whole program. For
example it is often possible to optimize the prefixing in the code for the sub-
components of a programming language construct before the code for the construct is
optimized. When optimizing the construct it is known that the sub-components are
already optimal so they can be considered as an unshrinkable block of code.
This algorithm may not be efficient for long sections of code whose underlying
structure is not known. If no knowledge of the structure is available (e.g. in an
assembler), all the code must be processed at once. In this case a code shrinking
algorithm where in step one the initial number of bytes is set to twice the number of
bytes per word is used. The prefix sequences then shr ink on each iteration of the loop.
1 or 2 iterations produce fairly good code although this method will not always produce
optimal code as it will not correctly prefix the pathological example given above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com