Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST24LW21 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST24LW21
Description  1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24LW21 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST24LW21 Datasheet HTML 12Page - STMicroelectronics ST24LW21 Datasheet HTML 13Page - STMicroelectronics ST24LW21 Datasheet HTML 14Page - STMicroelectronics ST24LW21 Datasheet HTML 15Page - STMicroelectronics ST24LW21 Datasheet HTML 16Page - STMicroelectronics ST24LW21 Datasheet HTML 17Page - STMicroelectronics ST24LW21 Datasheet HTML 18Page - STMicroelectronics ST24LW21 Datasheet HTML 19Page - STMicroelectronics ST24LW21 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
BYTE WRITE
CONTROL
BYTE
WORD ADDR
DATA
PAGE WRITE
WORD ADD n
DATA n
DATA n + 1
AI01894
ACK
ACK
ACK
ACK
ACK
ACK
VCLK/WC
CONTROL
BYTE
DATA n + 7
ACK
ACK
Figure 12. Inhibited Write when VCLK/WC = 0
– Step 1: the Master issues a START condition
followed by a Device Select byte (1st byte of
the new instruction).
– Step 2: if the memory is busy with the internal
write cycle, no ACK will be returned and the
master goes back to Step 1. If the memory
has terminated the internal write cycle, it will
respond with an ACK, indicating that the mem-
ory is ready to receive the second part of the
instruction (the first byte of this instruction was
already sent during Step 1).
Read Operations
On delivery, the memory content is set at all "1’s"
(or FFh).
Current Address Read. The memory has an inter-
nal byte address counter. Each time a byte is read,
this counter is incremented. For the Current Ad-
dress Read mode, following a START condition,
the master sends the Device Select code with the
RW bit set to ’1’. The memory acknowledges this
and outputs the data byte addressed by the internal
byte address counter. This counter is then incre-
mented. The master must NOT acknowledge the
data byte output and terminates the transfer with a
STOP condition.
Random Address Read. A dummy write is per-
formed to load the address into the address
counter, see Figure 14. This is followed by a Re-
START condition send by the master and the De-
vice Select code is repeated with the RW bit set to
’1’. The memory acknowledges this and outputs the
addressed data byte. The master must NOT ac-
knowledge the data byte output and terminates the
transfer with a STOP condition.
Sequential Read. This mode can be initiated with
either a Current Address Read or a Random Ad-
dress Read. However, in this case the master
DOES acknowledge the data byte output and the
memory continues to output the next byte in se-
quence. To terminate the stream of bytes, the
master must NOT acknowledge the last data byte
output, and MUST generate a STOP condition.
The output data is from consecutive byte ad-
dresses, with the internal byte address counter
automatically incremented after each byte output.
After a count of the last memory address, the
address counter will ’roll-over’ and the memory will
continue to output data.
Acknowledge in Read Mode. In all read modes
the ST24xy21 wait for an acknowledge during the
9th bit time. If the master does not pull the SDA line
16/22
ST24LC21B, ST24LW21, ST24FC21, ST24FC21B, ST24FW21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com