Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5728 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # 2SC5728
Description  SMALL-SIGNAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5728 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  2SC5728 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5728 Datasheet HTML 2Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
2SC5728 is a ultra super mini package resin sealed
silicon NPN epitaxial transistor,
It is designed for high frequency application.
.
FEATURE
●High gain bandwidth product.
fT=10.0GHz
●High gain, low noise.
●Can operate at low voltage.
●Super mini package for easy mounting
APPLICATION
For TV tuners, high frequency amplifier , celluar phone system.
〈SMALL-SIGNAL TRANSISTOR〉
2SC5728
FOR HIGH FREQUENCY AMPLIFY APPLICATION
SILICON NPN EPITAXIAL TYPE
OUTLINE DRAWING
Unit:mm
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
V
CBO
Collector to Base voltage
15
V
V
CEO
Collector to Emitter voltage
6
V
V
EBO
Emitter to Base voltage
1.5
V
I
O
Collector current
50
mA
P
c
Collector dissipation
125
mW
T
j
Junction temperature
+125
℃
T
stg
Storage temperature
-55~+125
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Limits
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector cut off current
ICBO
V
CB=10V, I E=0mA
-
-
1.0
μA
Emitter cut off current
IEBO
V
EB=1V, I C=0mA
-
-
1.0
μA
DC forward current gain
hFE
V
CE=3V, I C=10mA
30
-
250
Gain bandwidth product
fT
V
CE=3V, I E=10mA
-
10.0
-
GHz
Collector output capacitance
Cob
V
CB=3V, I E=0mA,f=1MHz
-
0.7
-
pF
Insertion power gain
|S21|2
V
CE=3V, I C=10mA,f=1GHz
10.0
13.0
-
dB
Noise figure
NF
V
CE=3V, I C=5mA,f=1GHz
-
1.4
-
dB
JEITA:SC-90
TERMINAL CONNECTER
①:BASE
②:EMITTER
③:COLLECTOR
0.4
0.8
0.4
1,6
①
②
③
ISAHAYA ELECTRONICS CORPORATION


Similar Part No. - 2SC5728

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5720 TOSHIBA-2SC5720 Datasheet
95Kb / 3P
MEDIUM POWER AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
2SC5722 SANYO-2SC5722 Datasheet
50Kb / 3P
NPN PLANAR SILICON TRANSISTOR
logo
Panasonic Semiconductor
2SC5725 PANASONIC-2SC5725 Datasheet
57Kb / 2P
Silicon NPN epitaxial planar type
logo
Isahaya Electronics Cor...
2SC5726 ISAHAYA-2SC5726 Datasheet
46Kb / 2P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5727 ISAHAYA-2SC5727 Datasheet
48Kb / 2P
SMALL-SIGNAL TRANSISTOR FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - 2SC5728

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
SMALL-SIGNAL TRANSISTOR
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
Small Signal Transistor
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
Small Signal Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com