Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2K4 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PS2K4
Description  With PFC 2400 Watt Single Output AC/DC Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PS2K4 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PS2K4 Datasheet HTML 1Page - Wall Industries,Inc. PS2K4 Datasheet HTML 2Page - Wall Industries,Inc. PS2K4 Datasheet HTML 3Page - Wall Industries,Inc. PS2K4 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PS2K4 Series
With PFC
2400 Watt Single Output
AC/DC Switching Power Supply
FEATURES
● 3 Year Warranty
● Power Good Signal
● PF > 0.98 @ 230VAC
● Case Coating with Paint
● Remote ON/OFF Control
● With Parallel Function (N+1)
● Built-in Remote Sense Option
● Forced Air Cooling by Built-in DC Fan
● AC Input Voltage 180 ~ 260VAC, 3Ø3 Wire
● AC 220VAC, 1Ø or 380VAC, 3Ø4 Wire (Option)
● Input Voltage: 90~260VAC (90 ~ 170VAC Reduced Power)
● Short Circuit/ Overload/ Over Voltage/ Over Temperature Protection
● Can Adjust from 20% ~ 100% Output Voltage by External Control 1-5VDC
SPECIFICATIONS: PS2K4 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 260VAC **(90 ~ 170 VAC reduced power - see “Output Power vs Input Voltage” derating curve)**
180 ~ 260VAC 3Ø3 Wire (other system available)
Input Frequency
47 to 63Hz
Input Current
13.5A / 230VAC
Inrush Current
60A / 230VAC max.
Leakage Current
3.5mA / 240VAC max.
Remote ON/OFF Control
Compatible with a TTL signal to turn ON/OFF
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
2400 Watts max.
Voltage Adjustment Range
±5.0% typical adjustment by potentiometer
20% ~ 100% adjustment by 1-5VDC external control.
Voltage Tolerance (See Note 4)
±2.0% for PS2K4-09, ±1.0% for other models.
Line Regulation
±0.5%
Load Regulation
±1.5% for PS2K4-09, ±0.5% for other models.
Output Current
See Table
Ripple & Noise (See Note 3)
See Table
Setup, Rise, Hold-Up Time
500ms, 50ms, 16ms at full load
Temperature Coefficient
±0.04% / °C (0 ~ 50°C)
Remote Sense
Yes
PROTECTION
Over Voltage Protection
110% ~ 135% Follow to output set up point.
Protection Type: Shutdown output voltage, re-power on to recover.
Over Load Protection (See Note 5)
110% ~ 140% rated output power.
Protection Type: Current limiting, delay shutdown output voltage, re-power on to recover.
Over Temperature Protection
> 100°C / measure by heat sink, near transformer.
Protection Type: Shutdown output voltage, re-power to recover.
GENERAL SPECIFICATIONS
Efficiency
See Table
Withstand Voltage
3KVAC (input to output); 1.5KVAC (input to field ground)
Isolation Resistance
100M ohms / 500VDC (input to output, input to field ground)
Power Factor
0.98 / 230VAC
Power Good Signal
Open Collector of NPN Transistor
Special Function
DC Voltage Adjustment, Remote Sensing, Remote Control, Parallel Operation (refer to control terminal
instruction manual).


Similar Part No. - PS2K4

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PS2K0 WALL-PS2K0 Datasheet
166Kb / 4P
2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS2K0-09 WALL-PS2K0-09 Datasheet
166Kb / 4P
2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS2K0-12 WALL-PS2K0-12 Datasheet
166Kb / 4P
2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS2K0-15 WALL-PS2K0-15 Datasheet
166Kb / 4P
2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS2K0-18 WALL-PS2K0-18 Datasheet
166Kb / 4P
2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
More results

Similar Description - PS2K4

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSRL5016E3 WALL-PSRL5016E3 Datasheet
243Kb / 3P
Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSRL5016U3 WALL-PSRL5016U3 Datasheet
243Kb / 3P
Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016U4 WALL-PSRL5016U4 Datasheet
243Kb / 3P
Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSSP100 WALL-PSSP100 Datasheet
164Kb / 3P
Single Output 100 Watt with PFC Function AC/DC Switching Power Supply
PSSP150 WALL-PSSP150 Datasheet
161Kb / 3P
Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP200 WALL-PSSP200 Datasheet
161Kb / 3P
Single Output 200 Watt with PFC Function AC/DC Switching Power Supply
PSSP320 WALL-PSSP320 Datasheet
160Kb / 3P
Single Output 320 Watt with PFC Function AC/DC Switching Power Supply
logo
Intronics Power, Inc.
AC350 INTRONICS-AC350 Datasheet
183Kb / 2P
350 WATT SINGLE OUTPUT U FRAME AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com