Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAFC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAFC
Description  10 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAFC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAFC Datasheet HTML 1Page - Wall Industries,Inc. PSAFC Datasheet HTML 2Page - Wall Industries,Inc. PSAFC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSAFC Series
10 Watt Single Output
Encapsulated PCB Mount
AC/DC Switching Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output Voltage
Output Current
Output Power
Efficiency
PSAFC-3.3S
90 –264 VAC
3.3 VDC
2500mA
10W
70%
PSAFC-5S
90 –264 VAC
5 VDC
2000mA
10W
72%
PSAFC-12S
90 –264 VAC
12 VDC
833mA
10W
79%
PSAFC-15S
90 –264 VAC
15 VDC
667mA
10W
79%
PSAFC-24S
90 –264 VAC
24 VDC
417mA
10W
79%
NOTES
1. Dimensions of the mechanical drawing are shown in millimeters.
2. Weight of the unit is 54 grams.
BLOCK DIAGRAM
DERATING CURVE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com