Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM77950 Datasheet(PDF) 36 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 36 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 32Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 33Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 34Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 35Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 36Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 37Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 38Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 39Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 40Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 102 page
background image
EM77950
BB Controller
28
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
7.1.9 Table Look-up Pointer – LTBL (0x0B), and HTBL (0x0C)
The maximum length of a table is 64K, and can be accessed through registers LTBL
and HTBL. HTBL is the high byte of the pointer, whereas LTBL is the low byte.
7.1.10
Stack Pointer – STKPTR (0x0D)
Register RD indicates how many stacks the current free run program uses. It is a read
only register.
7.1.11
Repeat Counter – RPTC (0x0E)
The RE register is used to set how many times the “RPT” instruction is going to read the
table.
7.1.12
Prescaler Counter – PRC (0x0F)
Prescaler counter for TCC.
7.1.13
Real Time Clock Counter – RTCC (0x10)
TCC counter.
7.1.14
Interrupt Flag Register – INTF (0x11)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADIF
RBFIF
PWM1IF
PWM0IF
EINT1F
EINT0F
TCCOF
FRCOF
Bit 0 (FRCOF):
FRC Overflow interrupt. Set as the contents of the FRC counter
change from 0xFFFF to 0x0000, reset by software.
Bit 1 (TCCOF):
TCC Overflow interrupt. Set as the contents of the TCC counter
change from 0xFF to 0x00, reset by software.
Bits 2 ~ 3 (EINT0F & EINTIF):
External input pin interrupt flag. Interrupt occurs at a
defined edge of the external input pin, reset by software.
Bits 4 ~ 5 (PWM0IF & PWM1IF)
: PWM interrupt flag. Interrupt occurs when TMRX is
equal to PRDX, reset by software.
Bit 6 (RBFIF):
SPI receiving buffer full Interrupt flag. Interrupt occurs when an 8-bit
data is received, reset by software.
Bit 7 (ADIF):
ADC conversion complete interrupt flag.
Each bit can function independently regardless whether its related
interrupt mask bit is enabled or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com