Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSANC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSANC
Description  15 Watt Single, Dual, and Triple Outputs AC/DC Converter for PCB Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSANC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSANC Datasheet HTML 1Page - Wall Industries,Inc. PSANC Datasheet HTML 2Page - Wall Industries,Inc. PSANC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSANC Series
15 Watt
Single, Dual, and Triple Outputs
AC/DC Converter for PCB Mount
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output Voltage
Output Current
Efficiency
PSANC-5S
90 –260 VAC
5 VDC
3000mA
75%
PSANC-12S
90 –260 VAC
12 VDC
1250mA
80%
PSANC-15S
90 –260 VAC
15 VDC
1000mA
80%
PSANC-24S
90 –260 VAC
24 VDC
625mA
84%
PSANC-5D
90 –260 VAC
+5 VDC
- 5 VDC
+1500mA
-1500mA
75%
PSANC-12D
90 –260 VAC
+12 VDC
-12 VDC
+650mA
-650mA
79%
PSANC-15D
90 –260 VAC
+15 VDC
-15 VDC
+500mA
-500mA
79%
PSANC-5S12D
90 –260 VAC
+5 VDC
+12 VDC
-12 VDC
2000mA
+200mA
-200mA
75%
PSANC-5S15D
90 –260 VAC
+5 VDC
+15 VDC
-15 VDC
2000
+150mA
-150mA
75%
NOTES
1. Dimensions of the mechanical drawing are shown in millimeters.
2. Weight of the unit is 140 grams.
DERATING CURVE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com