Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST40RA150XHA Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST40RA150XHA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 54Page - STMicroelectronics ST40RA150XHA Datasheet HTML 55Page - STMicroelectronics ST40RA150XHA Datasheet HTML 56Page - STMicroelectronics ST40RA150XHA Datasheet HTML 57Page - STMicroelectronics ST40RA150XHA Datasheet HTML 58Page - STMicroelectronics ST40RA150XHA Datasheet HTML 59Page - STMicroelectronics ST40RA150XHA Datasheet HTML 60Page - STMicroelectronics ST40RA150XHA Datasheet HTML 61Page - STMicroelectronics ST40RA150XHA Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 94 page
background image
ADCS 7260755H
STMicroelectronics
58/94
ST40RA
7 Electrical specifications
7.11
UDI and IEEE 1149.1 TAP AC specifications
Symbol
Parameter
Min
Nom
Max
Units
Notes
tTCHTCH
TCK period
50
ns
a
a. During IEEE1149.1 drive board level manufacturing tests only TCK is active.
tDCHDCH
DCK period
50
ns
b
b. During application level diagnostics only DCLK is active.
tTIVTCH
TAP inputs setup to TCK/DCK high
5
ns
tTCHTIX
TAP input hold after TCK/DCK high
5
ns
tTCHTOV
TCK/DCK low to TAP output valid
10
ns
Table 32: TAP timings
Figure 18: UDI and IEEE TAP timings
TCK
TDI
TDO
tTIVTCH
tTCHTIX
tTCHTOV
TMS
tTCHTCH
DCK
tDCHTIX
tDCHDCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com