Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPRL9802 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPRL9802
Description  Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL9802 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPRL9802 Datasheet HTML 1Page - Wall Industries,Inc. PSPRL9802 Datasheet HTML 2Page - Wall Industries,Inc. PSPRL9802 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPRL9802 Series
Active PFC
200 Watt Single Output
AC/DC Switching Power Supply
FEATURES
● 2 Year Warranty
● Optional Top Cover
● 90 ~ 264VAC Universal AC Input
● Approved to UL CUL TUV CE and CB
● Power Factor Corrected to EN61000-3-2 Class D
● Compact 1U Size & Power Density: 5.2 Watts/cu in.
● Providing Peak Power 600W within 500uS Duty Duration
● Convection-Cooled and with Forced Air Cooling Rating Options
● Protections: Short Circuit/ Over Load/ Over Voltage/ Over Temp
SPECIFICATIONS: PSPRL9802 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 – 264VAC Full Range
Input Frequency
47 to 63Hz
Input Current
4A at 100VAC full load
Inrush Current
35A max @ 110VAC with full load and cold start.
Leakage Current
1.5mA max @ 240VAC
Remote ON/OFF
Designated as REMO on the CN3, requires a low signal to inhibit output. Hiccup mode.
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
200 Watts max.
Output Adjustability
Output user adjustable ±5% minimum.
Total Regulation
±1%
Output Current
See Table
Ripple & Noise (peak to peak)
See Table
Transient Response
Output voltage returns to within 1% in less than 500µs for a 50% dynamic load, peak does not excess 5%.
Hold-Up Time
20ms min. at 80% of full load.
Overshoot
Turn-on/off not exceed 5% over nominal voltage.
Turn On Delay
1 second maximum at 120VAC.
Remote Sense
Designated as RS+ and RS- on the CN3
PROTECTION
Over Voltage Protection
Latching down will occur when output voltage exceeds 130% and recycle AC input to reset.
Short Circuit Protection
Trip without damage and auto-recovery.
Over-Temperature Protection
Protected in the event of excessive operating ambient 85°C and automatic recovery.
Over-Power Protection
Hiccup mode 110-140%; auto-recovery.
Input Circuit Protection
A protected 250V/5A fuse inserted.
GENERAL SPECIFICATIONS
Efficiency
70% for 3.3V, 75% for 5V, 80% for 12V, and 83% minimum for other outputs @ 230VAC and full load.
Withstand Voltage
1500 VAC input line to chassis (10mA DC cut off current, isolating 3000VAC primary to secondary
windings. Primary to core 1500VAC. All for 3 seconds.
Burn In
45 ±5°C for one hour @ 230VAC with full load.
PFC
Active power factor correction meets EN61000-3-2 class D.
Power Good
Designated as PG on the CN3 will go high 100-500ms after regulation and goes low 1ms before loss of
regulation.
Power Supply On
Green LED designated as LED 1 on the PCB.
Grounding Test
Apply 25A from ground pin of the three-prong plug to the far most earth. Max allowable resistance 0.1 ohm.


Similar Part No. - PSPRL9802

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPRL9802D WALL-PSPRL9802D Datasheet
184Kb / 3P
Active PFC 200 Watt Dual Output AC/DC Switching Power Supply
PSPRL9802DX-0512 WALL-PSPRL9802DX-0512 Datasheet
184Kb / 3P
Active PFC 200 Watt Dual Output AC/DC Switching Power Supply
PSPRL9802DX-0524 WALL-PSPRL9802DX-0524 Datasheet
184Kb / 3P
Active PFC 200 Watt Dual Output AC/DC Switching Power Supply
PSPRL9802DX-1224 WALL-PSPRL9802DX-1224 Datasheet
184Kb / 3P
Active PFC 200 Watt Dual Output AC/DC Switching Power Supply
More results

Similar Description - PSPRL9802

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPRL9802D WALL-PSPRL9802D Datasheet
184Kb / 3P
Active PFC 200 Watt Dual Output AC/DC Switching Power Supply
PSPSP1000 WALL-PSPSP1000 Datasheet
154Kb / 3P
1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1500 WALL-PSPSP1500 Datasheet
155Kb / 3P
1500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSRL5016E3 WALL-PSRL5016E3 Datasheet
243Kb / 3P
Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSRL5016U3 WALL-PSRL5016U3 Datasheet
243Kb / 3P
Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016U4 WALL-PSRL5016U4 Datasheet
243Kb / 3P
Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSSP75 WALL-PSSP75 Datasheet
159Kb / 3P
75 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSSP200 WALL-PSSP200 Datasheet
161Kb / 3P
Single Output 200 Watt with PFC Function AC/DC Switching Power Supply
DTAM200 WALL-DTAM200 Datasheet
85Kb / 2P
Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com