Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPRL9802D Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSPRL9802D
Description  Active PFC 200 Watt Dual Output AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL9802D Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSPRL9802D Datasheet HTML 1Page - Wall Industries,Inc. PSPRL9802D Datasheet HTML 2Page - Wall Industries,Inc. PSPRL9802D Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPRL9802D Series
Active PFC
200 Watt Dual Output
AC/DC Switching Power Supply
MECHANICAL DRAWINGS
Overall Size: 6.8(L) x 3.8(W) x 1.5(H) inches; Weight: 650g.
Output Pin Assignment
Howder
Molex
V1: Pin 1
V1: Pins 1 – 3
V2: Pin 4
V2: Pins 10 – 12
RTN: Pins 2 – 3
RTN: Pins 4 – 9
AC Input Connector (CN1):
Mating Molex Part No. 09-91-0500 or equivalent (5pin, 3used) PCB is Labeled: L = Line; N = Neutral; G = Chassis Ground
Mating Pins; Molex Engineering Series 2478, 2578, 8818 or Howder Terminal block Part No. FTB-702-3P (3 pin).
Output Connector (CN2):
Mating Molex Part No. 09-91-1200 (12 pin) or Howder Terminal block Part No. HD-301-4P (4 pin).
Output Pin Assignment:
(See table above).
Logic signal connectors (CN3):
Mating JST XHP-5 or equivalent (CHYAO SHIUNN JS-2001-04).
Mating Pins: JST SXH-002T-P0.6 for AWG 30 to 26.
Fan Drive:
Mating JST XHP-2 or equivalent (CHYAO SHIUNN JS-2001-02).
Mounting Inserts:
8 Places M4. Maximum Penetration 4mm see outline drawing for location.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com