Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPS25 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPS25
Description  Single Output Up to 25 Watts AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPS25 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPS25 Datasheet HTML 1Page - Wall Industries,Inc. PSPS25 Datasheet HTML 2Page - Wall Industries,Inc. PSPS25 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPS25 Series
Single Output
Up to 25 Watts
AC/DC Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model
Input Voltage
Output
Voltage
Output Current
Range
Ripple &
Noise
Output
Power
Over Voltage
Protection
Efficiency
PSPS-25-3.3
3.3 VDC
0 ~ 5A
80mVp-p
16.5W
3.8 ~ 4.46V
66%
PSPS-25-5
5 VDC
0 ~ 5A
80mVp-p
25W
5.75 ~ 6.75V
74%
PSPS-25-7.5
7.5 VDC
0 ~ 3.3A
80mVp-p
24.8W
8.6 ~ 10.1V
76%
PSPS-25-12
12 VDC
0 ~ 2.1A
100mVp-p
25.2W
13.8 ~ 16.2V
78%
PSPS-25-13.5
13.5 VDC
0 ~ 1.9A
100mVp-p
25.7W
15.5 ~ 18.2V
78%
PSPS-25-15
15 VDC
0 ~ 1.7A
100mVp-p
25.5W
17.3 ~ 20.3V
78%
PSPS-25-24
24 VDC
0 ~ 1A
240mVp-p
24W
27.6 ~ 32.4V
79%
PSPS-25-27
27 VDC
0 ~ 0.9A
240mVp-p
24.3W
31 ~ 36.5V
79%
PSPS-25-48
85 ~ 264 VAC
(120 ~ 370 VDC)
48 VDC
0 ~ 0.5A
350mVp-p
24W
55.2 ~ 64.8V
79%
NOTES
1. All parameters not specially mentioned are measured at 230VAC input, rated load, and 25°C ambient temperature.
2. Ripple & noise are measured at 20MHz using a 12" twisted pair-wire terminated with 0.1uF & 47uF capacitors in parallel.
3. Tolerance: includes set up tolerance, line regulation, and load regulation.
4. The power supply is considered a component, which will be installed into final equipment. The final equipment must be re-
confirmed that it still meets EMC directives.
BLOCK DIAGRAM
DERATING CURVE
STATIC CHARACTERISTICS (24V)
fosc: 100KHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com