Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST52F510YMM6 Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST52F510YMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F510YMM6 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST52F510YMM6 Datasheet HTML 85Page - STMicroelectronics ST52F510YMM6 Datasheet HTML 86Page - STMicroelectronics ST52F510YMM6 Datasheet HTML 87Page - STMicroelectronics ST52F510YMM6 Datasheet HTML 88Page - STMicroelectronics ST52F510YMM6 Datasheet HTML 89Page - STMicroelectronics ST52F510YMM6 Datasheet HTML 90Page - STMicroelectronics ST52F510YMM6 Datasheet HTML 91Page - STMicroelectronics ST52F510YMM6 Datasheet HTML 92Page - STMicroelectronics ST52F510YMM6 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 106 page
background image
ST52F510/F513/F514
89/106
Slave address transmission
At this point, the slave address is sent to the SDA
line via the internal shift register.
In 7-bit addressing mode, one address byte is sent.
In 10-bit addressing mode, sending the first byte
including
the
header
sequence
causes
the
following event:
– The EVF bit is set by hardware with interrupt
generation if the ITE bit is set.
Afterwards, the master waits for a read of the
I2C_SR1 register followed by a write in the
I2C_OUT register, holding the SCL line low (see
Figure 14.3 Transfer sequencing EV9).
The second address byte is sent by the interface.
After completion of this transfer (and acknowledge
from the slave if the ACK bit is set):
– The EVF bit is set by hardware with interrupt
generation if the ITE bit is set.
Afterwards, the master waits for a read of the
I2C_SR1 register followed by a write in the
I2C_CR register (for example set PE bit), holding
the SCL line low (see Figure 14.3 Transfer
sequencing EV6).
Next,
the
master
must
enter
Receiver
or
Transmitter mode.
Note: In 10-bit addressing mode, in order to switch
the master to Receiver mode, software must
generate a repeated Start condition and resend the
header sequence with the least significant bit set
(11110xx1).
Master Receiver
Following the address transmission and after
I2C_SR1
and I2C_CR
registers
have
been
accessed, the master receives bytes from the SDA
line into the I2C_IN register via the internal shift
register. After each byte the interface generates in
sequence:
– Acknowledge pulse if the ACK bit is set
– EVFand BTF bits are set by hardware with an in-
terrupt if the ITE bit is set.
Afterwards, the interface waits for a read of the
I2C_SR1 register followed by a read of the I2C_IN
register, holding the SCL line low (see Figure
14.3 Transfer sequencing EV7).
In order to close the communication: before
reading the last byte from the I2C_IN register, set
the STOP bit to generate the Stop condition. The
interface automatically goes back to slave mode
(M/SL bit cleared).
Note: In order to generate the non-acknowledge
pulse after the last data byte received, the ACK bit
must be cleared just before reading the second last
data byte.
Master Transmitter
Following the address transmission and after the
I2C_SR1 register has been read, the master sends
bytes from the I2C_OUT register to the SDA line
via the internal shift register.
The master waits for a read of the I2C_SR1
register followed by a write in the I2C_OUT
register, holding the SCL line low (see Figure
14.3 Transfer sequencing EV8).
When the acknowledge bit is received, the
interface sets:
– EVF and BTF bits with an interrupt if the ITE bit
is set.
In order to close the communication: after writing
the last byte to the I2C_OUT register, set the
STOP bit to generate the Stop condition. The
interface automatically returns to slave mode (M/
SL bit cleared).
Error Cases
– BERR: Detection of a Stop or a Start condition
during a byte transfer. In this case, the EVF and
BERR bits are set by hardware with an interrupt
if ITE is set.
– AF: Detection of a non-acknowledge bit. In this
case, the EVF and AF bits are set by hardware
with an interrupt if the ITE bit is set. To resume,
set the START or STOP bit.
– ARLO: Detection of an arbitration lost condition.
In this case the ARLO bit is set by hardware
(with an interrupt if the ITE bit is set and the in-
terface automatically goes back to slave mode
(the M/SL bit is cleared).
Note: In all these cases, the SCL line is not held
low; however, the SDA line can remain low due to
possible «0» bits transmitted last. Both lines must
be released via software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com