Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C16WP Datasheet(PDF) 10 Page - STMicroelectronics

Part # 24C16WP
Description  16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

24C16WP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 24C16WP Datasheet HTML 6Page - STMicroelectronics 24C16WP Datasheet HTML 7Page - STMicroelectronics 24C16WP Datasheet HTML 8Page - STMicroelectronics 24C16WP Datasheet HTML 9Page - STMicroelectronics 24C16WP Datasheet HTML 10Page - STMicroelectronics 24C16WP Datasheet HTML 11Page - STMicroelectronics 24C16WP Datasheet HTML 12Page - STMicroelectronics 24C16WP Datasheet HTML 13Page - STMicroelectronics 24C16WP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Page Write. For the Page Write mode, the MODE
pin must be at VIL. The Page Write mode allows up
to 16 bytes to be written in a single write cycle,
provided that they are all located in the same ’row’
in the memory: that is the same Block Address bits
(b3, b2, b1 of Device Select code in Table 3) and
the same 4 MSBs in the Byte Address. The master
sends one up to 16 bytes of data, which are each
acknowledged by the memory. After each byte is
transfered, the internal byte address counter (4
Least Significant Bits only) is incremented. The
transfer is terminated by the master generating a
STOP condition. Care must be taken to avoid ad-
dress counter ’roll-over’ which could result in data
being overwritten. Note that for any write mode, the
generation by the master of the STOP condition
starts the internal memory program cycle. All inputs
are disabled until the completion of this cycle and
the memory will not respond to any request.
WRITE Cycle
in Progress
AI01099B
Next
Operation is
Addressing the
Memory
START Condition
DEVICE SELECT
with RW = 0
ACK
Returned
YES
NO
YES
NO
ReSTART
STOP
Proceed
WRITE Operation
Proceed
Random Address
READ Operation
Send
Byte Address
First byte of instruction
with RW = 0 already
decoded by ST24xxx
Figure 8. Write Cycle Polling using ACK
Minimizing System Delay by Polling On ACK.
During the internal Write cycle, the memory discon-
nects itself from the bus in order to copy the data
from the internal latches to the memory cells. The
maximum value of the Write time (tW) is given in the
AC Characteristics table, this timing value may be
reduced by an ACK polling sequence issued by the
master.
The sequence is:
– Initial condition: a Write is in progress (see Fig-
ure 8).
– Step 1: the Master issues a START condition
followed by a Device Select byte (1st byte of
the new instruction).
– Step 2: if the memory is internally writing, no
ACK will be returned. The Master goes back
to Step1. If the memory has terminated the in-
ternal writing, it will issue an ACK indicating
that the memory is ready to receive the sec-
ond part of the instruction (the first byte of this
instruction was already sent during Step 1).
10/17
ST24/25C16, ST24/25W16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com