| Electronic Components Datasheet Search |
|
ST5451 Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST5451 Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 34 page ![]() TYPICAL APPLICATIONS ST5451 HDLC controller may be used in TE, NT2, NT12 or LT. Figures 6 to 8 illustrate three typical applications in multifunctional TE. The D channel containing only signalling is proc- essed by the LAPD controller and routed via a parallel µP interface to the terminal processor. The support of the LAPD protocol which is imple- mented by the HDLC controller device allows in cost senstive applications the use of a low cost microprocessor. See fig. 6. Fig. 7 illustrates a configuration in which the D channel containing signalling data (SAPI s) as well as packet switched data (SAPI p) is proc- essed by two controllers and two independent mi- croprocessors. Fig. 8 illustrates a configuration in which one mi- croprocessor is connected to two controllers via a DMA controller. D channel with LAPD signalling data and B chan- nel LAPB packet data are processed by the same µP. A DMA controller performs device to memory transfers. It is a typical work station application. Fig. 9 and 10 illustrate 2 typical applications in NT2 or exchange. An NT2 or LT in fig.9 with eight D channel control- lers connected to the GCI interface handle sub- scriber 0 to 7. Any GCI compatible transceiver (S or U) may be used to do the subscriber line inter- face; a GCI compatible exchange circuit may im- plement the system interface. This is one decen- tralized application. Fig. 10 illustrates a centralized application. Using a switching net work, it is possible to connect: up to thirty two 64 Kbit/s channels on a 2 Mb/s PCM highway to 32 B channel controllers up to sixty four 64 Kbit/s channels on a 4 Mb/s PCM highway to 64 B channel controllers up to two hundred fifty six D channels on a 4 Mb/s highway to 256 D channel controllers. Figure 6: Low cost GCI terminal application ST5451 19/34 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |