Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6370D013TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6370D013TR
Description  2.5A high-side driver industrial intelligent power switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370D013TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6370D013TR Datasheet HTML 5Page - STMicroelectronics L6370D013TR Datasheet HTML 6Page - STMicroelectronics L6370D013TR Datasheet HTML 7Page - STMicroelectronics L6370D013TR Datasheet HTML 8Page - STMicroelectronics L6370D013TR Datasheet HTML 9Page - STMicroelectronics L6370D013TR Datasheet HTML 10Page - STMicroelectronics L6370D013TR Datasheet HTML 11Page - STMicroelectronics L6370D013TR Datasheet HTML 12Page - STMicroelectronics L6370D013TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
L6370
Circuit description
9/19
3
Circuit description
Figure 3.
Output status hysteresis
Figure 4.
Undervoltage comparator hysteresis
Figure 5.
Switching waveforms
VOUT
D95IN211A
Voth1
Vshys
Voth2
Vs
D95IN212
Voth2
Vshys
Voth1
50%
50%
td
td
t
90%
90%
10%
10%
tf
tr
t
Vin
Vout
D94IN127A
50%
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com