Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9215I Datasheet(PDF) 21 Page - SMSC Corporation

Part # LAN9215I
Description  Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9215I Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LAN9215I Datasheet HTML 17Page - SMSC Corporation LAN9215I Datasheet HTML 18Page - SMSC Corporation LAN9215I Datasheet HTML 19Page - SMSC Corporation LAN9215I Datasheet HTML 20Page - SMSC Corporation LAN9215I Datasheet HTML 21Page - SMSC Corporation LAN9215I Datasheet HTML 22Page - SMSC Corporation LAN9215I Datasheet HTML 23Page - SMSC Corporation LAN9215I Datasheet HTML 24Page - SMSC Corporation LAN9215I Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 138 page
background image
Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
Datasheet
SMSC
LAN9215i
21
Revision 1.93 (12-12-07)
DATASHEET
Note 2.2
Pins RXD[3:1] provide internal pull-down resistors to prevent these pins from floating when
unused. RXD0 (pin 75) does not provide an internal pull-down resistor. This pin must be
pulled or driven to a valid state at all times.
Note 2.3
The external SMI port is selected when SMI_SEL = 1. When SMI_SEL = 0, MDIO is tri-
stated and MDC is driven low.
Management Data
IO/External PHY
Detect
MDIO
(EXT_PHY_DET)
I/O8
(PD)
1
Management Data IO: When SMI_SEL = 1,
this pin is the MII SMI serial IO bus pin.
External PHY Detect: This pin also functions
as a strap input, which can be used to indicate
the presence of an external PHY.
See Note 2.3.
Note:
See Section 5.3.9, "HW_CFG—
Hardware Configuration Register" for
more information on SMI_SEL and
EXT_PHY_DET
Management Data
Clock
MDC
O8 (PD)
1
Management Data Clock: When SMI_SEL = 1,
this pin is the MII management data clock.
When SMI_SEL=0, this pin is driven low.
See Note 2.3.
Note:
See Section 5.3.9, "HW_CFG—
Hardware Configuration Register" for
more information on SMI_SEL.
Table 2.6 MII Interface Signals
NAME
SYMBOL
BUFFER
TYPE
NUM
PINS
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com