Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSR520 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TSR520
Description  5A Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSR520 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TSR520 Datasheet HTML 1Page - TAITRON Components Incorporated TSR520 Datasheet HTML 2Page - TAITRON Components Incorporated TSR520 Datasheet HTML 3Page - TAITRON Components Incorporated TSR520 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. B/AH 2008-01-30
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
TSR520 – TSR5100
5A Schottky Barrier Rectifiers
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
5A Schottky Barrier Rectifiers
Features
• Low Forward Voltage Drop
• High Current Capability
• High Reliability
• High Surge Current Capability
• RoHS Compliant
Mechanical Data
Case:
DO-201AD, Molded Plastic
Epoxy:
UL 94V-0 rate flame retardant
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208 guaranteed
Polarity:
Color band denotes cathode end
Weight:
1.2 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
TSR
520
TSR
530
TSR
540
TSR
550
TSR
560
TSR
580
TSR
5100
Unit
Conditions
VRRM
Max. Recurrent Peak Reverse
Voltage
20
30
40
50
60
80
100
V
VRMS
Max. RMS Voltage
14
21
28
35
42
56
70
V
VDC
Max. DC Blocking Voltage
20
30
40
50
60
80
100
V
IAV
Max. Average Forward
Rectified Current (FIG.1)
5.0
A
IFSM
Peak Forward Surge Current
150
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
VF
Maximum Instantaneous
Forward Voltage
0.55
0.70
0.85
V
IF=5.0 A
0.5
TA=25° C
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
50
mA
TA=125° C
DO-201AD


Similar Part No. - TSR520

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TSR500D00-D2 TOKEN-TSR500D00-D2 Datasheet
403Kb / 9P
One Port Resonators
logo
SanRex Corporation
TSR50AA40 SANREX-TSR50AA40 Datasheet
62Kb / 1P
TRIAC (ISOLATED TYPE) TO-240 PACKAGE
TSR50AA60 SANREX-TSR50AA60 Datasheet
62Kb / 1P
TRIAC (ISOLATED TYPE) TO-240 PACKAGE
logo
Token Electronics Indus...
TSR567D00-D1 TOKEN-TSR567D00-D1 Datasheet
403Kb / 9P
One Port Resonators
TSR585D00-D2 TOKEN-TSR585D00-D2 Datasheet
403Kb / 9P
One Port Resonators
More results

Similar Description - TSR520

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SB520 SSC-SB520 Datasheet
338Kb / 2P
5A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SR502 FRONTIER-SR502 Datasheet
125Kb / 2P
5A SCHOTTKY BARRIER RECTIFIERS
SR502-LFR FRONTIER-SR502-LFR Datasheet
125Kb / 2P
5A SCHOTTKY BARRIER RECTIFIERS
SRF5-02 FRONTIER-SRF5-02 Datasheet
125Kb / 2P
5A SCHOTTKY BARRIER RECTIFIERS
SRF5-02CT FRONTIER-SRF5-02CT Datasheet
126Kb / 2P
5A DUAL SCHOTTKY BARRIER RECTIFIERS
SRF5-02CT-LFR FRONTIER-SRF5-02CT-LFR Datasheet
126Kb / 2P
5A DUAL SCHOTTKY BARRIER RECTIFIERS
SRF5-02-LFR FRONTIER-SRF5-02-LFR Datasheet
125Kb / 2P
5A SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK5200BL SECOS-SK5200BL Datasheet
152Kb / 2P
5A, 200V Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SK52B CITC-SK52B Datasheet
460Kb / 3P
5A Surface Mount Schottky Barrier Rectifiers
SK54MAFG CITC-SK54MAFG Datasheet
505Kb / 4P
5A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com