| Electronic Components Datasheet Search |
|
ST52F513GMB6 Datasheet(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52F513GMB6 Datasheet(HTML) 99 Page - STMicroelectronics |
|
99 / 106 page ![]() ST52F510/F513/F514 99/106 is taking place with an external device. When this occurs, the transfer continues uninterrupted; and the software writing will be unsuccessful. Write collisions can occur both in master and slave mode. Note: a “read collision” will never occur since the data byte received is placed in a buffer, in which access is always synchronous with the ICU operation. In Slave mode When the CPHA bit is set: The slave device will receive a clock (SCK) edge prior to the latch of the first data transfer. This first clock edge will freeze the data in the slave device SPI_OUT register and output the MSBit on to the external MISO pin of the slave device. The SS pin low state enables the slave device, but the output of the MSBit onto the MISO pin does not take place until the first data transfer clock edge occurs. When the CPHA bit is reset: Data is latched on the occurrence of the first clock transition. The slave device doesn’t have a way of knowing when that transition will occur; therefore, the slave device collision occurs when software attempts to write the SPI_OUT register after its SS pin has been pulled low. For this reason, the SS pin must be high, between each data byte transfer, in order to allow the CPU to write in the SPI_OUT register without generating a write collision. In Master mode Collision in the master device is defined as a write of the SPI_OUT register, while the internal serial clock (SCK) is in the process of transfer. The SS pin signal must always be high on the master device. Figure 15.3 CHPA/SS Timing Diagram WCOL bit The WCOL bit in the SPI_STATUS_CR register is set if a write collision occurs. No SPI interrupt is generated when the WCOL bit is set (the WCOL bit is a status flag only). The WCOL bit is cleared by a software sequence (see Section 15.5). 15.4.5 Master Mode Fault. Master mode fault occurs when the master device has its SS pin pulled low, then the MODF bit is set. Master mode fault affects the SPI peripheral in the following ways: – The MODF bit is set and an SPI interrupt is generated if the SPIE bit is set. – The SPE bit is reset. This blocks all output from the device and disables the SPI peripheral. – The MSTR bit is reset, forcing the device into slave mode. Clearing the MODF bit is done through a software sequence: 1. A read or write access to the SPI_STATUS_CR register while the MODF bit is set. 2. A write to the SPI_CR register. Note: To avoid any multiple slave conflicts in the case of a system comprising several MCUs, the SS pin must be pulled high during the clearing sequence of the MODF bit. The SPE and MSTR bits may be restored to their original state during or after this clearing sequence. Hardware does not allow the user to set the SPE and MSTR bits, while the MODF bit is set (except in the MODF bit clearing sequence). In a slave device the MODF bit can’t be set, but in a multi master configuration the device can be in slave mode with this MODF bit set. The MODF bit indicates that there might have been a multi-master conflict for system control and allows a proper exit from system operation to a reset or default system state using an interrupt routine. MOSI/MISO Master SS Slave SS (CPHA=0) Slave SS (CPHA=1) Byte 1 Byte 2 Byte 3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |