Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAW32 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STR910FAW32
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW32 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STR910FAW32 Datasheet HTML 93Page - STMicroelectronics STR910FAW32 Datasheet HTML 94Page - STMicroelectronics STR910FAW32 Datasheet HTML 95Page - STMicroelectronics STR910FAW32 Datasheet HTML 96Page - STMicroelectronics STR910FAW32 Datasheet HTML 97Page - STMicroelectronics STR910FAW32 Datasheet HTML 98Page - STMicroelectronics STR910FAW32 Datasheet HTML 99Page - STMicroelectronics STR910FAW32 Datasheet HTML 100Page - STMicroelectronics STR910FAW32 Datasheet HTML 101Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 100 / 101 page
background image
Revision history
STR91xFAx3x, STR91xFAx4x
100/101
11
Revision history
Table 52.
Document revision history
Date
Revision
Changes
09-May-2007
1
Initial release
26-Nov-2007
2
Updated Standby current in Table 15: Supply current
characteristics on page 63
Added Section 7.1: Parameter conditions on page 57
Added Section 7.7.2: X1_CPU external clock source on page 66
Updated Section 7.11: External memory bus timings on page 75
Added Figure 14: LVD reset delay case 3 on page 62
Added Table 48 and Table 49 in ADC characteristics section
Added min/max values for E, D, E1, D1 in Figure 40 on page 95
14-May-2008
3
Added 1MB and 2M devices, creating merged datasheet from
seperate STR91xFAx32, 42, 44, 46 and 47 devices.
Added STR912FAW32 to Table 3: STR912 device summary on
page 11
Added paragraph on voltage supply shutdown in Section 3.12 on
page 24
Removed DMA feature for I2C in Section 3.21 on page 33
Updated Sleep mode current in Table 10: Current characteristics
on page 59
Added Table 16: Typical current consumption at 25°C on page 64
Updated operating conditions for VDD and fCPUCLK in Section 7.3
on page 60 and Section 7.7 on page 65
Changed SPI master tSU and tH to TBD in Section Table 46. on
page 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com