| Electronic Components Datasheet Search |
|
TMS320DM6431 Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6431 Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 226 page ![]() TMS320DM6431 Digital Media Processor www.ti.com SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008 Table 2-14. VPFE Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. This pin is multiplexed between the VPFE(CCDC) and GPIO. This pin is CCDC input YI4 and it supports several modes: YI4(CCD4)/ IPD D14 C18 I/O/Z In 10-bit CCD Raw mode, it is input CCD4. GP[40] DVDD33 In 8-bit YCbCr mode, it is time multiplexed between Y4, CB4, and CR4 of the lower 8-bit channel. This pin is multiplexed between the VPFE (CCDC) and GPIO. This pin is CCDC input YI3 and it supports several modes: YI3(CCD3)/ IPD B14 A16 I/O/Z In 10-bit CCD Raw mode, it is input CCD3. GP[39] DVDD33 In 8-bit YCbCr mode, it is time multiplexed between Y3, CB3, and CR3 of the lower 8-bit channel. This pin is multiplexed between the VPFE (CCDC) and GPIO. This pin is CCDC input YI2 and it supports several modes: YI2(CCD2)/ IPD C14 B17 I/O/Z In 10-bit CCD Raw mode, it is input CCD2. GP[38] DVDD33 In 8-bit YCbCr mode, it is time multiplexed between Y2, CB2, and CR2 of the lower 8-bit channel. This pin is multiplexed between the VPFE (CCDC) and GPIO. This pin is CCDC input YI1 and it supports several modes: YI1(CCD1)/ IPD B15 B18 I/O/Z In 10-bit CCD Raw mode, it is input CCD1. GP[37] DVDD33 In 8-bit YCbCr mode, it is time multiplexed between Y1, CB1, and CR1 of the lower 8-bit channel. This pin is multiplexed between the VPFE (CCDC) and GPIO. This pin is CCDC input YI0 and it supports several modes: YI0(CCD0)/ IPD C15 B19 I/O/Z In 10-bit CCD Raw mode, it is input CCD0. GP[36] DVDD3 In 8-bit YCbCr mode, it is time multiplexed between Y0, CB0, and CR0 of the lower 8-bit channel. C_WE/EM_R/W/ IPD This pin is multiplexed between VPFE (CCDC), EMIFA, and GPIO. D13 C17 I/O/Z GP[35] DVDD33 In VPFE mode, it is the CCD Controller write enable input C_WE. This pin is multiplexed between VPFE (CCDC), EMIFA, and GPIO. C_FIELD/EM_A[21]/ IPD D12 C16 I/O/Z In VPFE mode, it is CCDC field identification bidirectional signal GP[34] DVDD33 C_FIELD. Submit Documentation Feedback Device Overview 39 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |