Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4134 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT4134
Description  500mA Dual Channel Movie/Flash LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4134 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT4134 Datasheet HTML 1Page - Catalyst Semiconductor CAT4134 Datasheet HTML 2Page - Catalyst Semiconductor CAT4134 Datasheet HTML 3Page - Catalyst Semiconductor CAT4134 Datasheet HTML 4Page - Catalyst Semiconductor CAT4134 Datasheet HTML 5Page - Catalyst Semiconductor CAT4134 Datasheet HTML 6Page - Catalyst Semiconductor CAT4134 Datasheet HTML 7Page - Catalyst Semiconductor CAT4134 Datasheet HTML 8Page - Catalyst Semiconductor CAT4134 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT4134
Doc. No. MD-5021 Rev. B
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
SW voltage
20
V
VIN voltage
8
V
EN, FLASH, RSET, RFLASH voltage
VIN + 0.6V
V
LED1, LED2 voltage
8
V
Output Current per Channel
300
mA
Storage Temperature Range
-65 to +160
°C
Junction Temperature Range
-40 to +125
°C
Lead Temperature
300
°C
ESD Rating – Human Body Model (HBM)
2000
V
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Units
VIN
2.8 to 4.2
V
Ambient Temperature Range
-40 to +85
°C
Flash mode current per channel
25 to 250
mA
Movie mode current per channel
5 to 50
mA
ELECTRICAL OPERATING CHARACTERISTICS
Over recommended operating conditions unless specified otherwise.
VIN = 3.6V, EN = VIN and at ambient temperature of 25ºC.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
IQ
Quiescent Current
(not switching)
VLED1 > 0.5V, VLED2 > 0.5V
100
250
µA
ISD
Shutdown Current
EN = 0V
1
µA
ISW
Switch Current Limit
Movie Mode (FLASH = Low)
Flash Mode (FLASH = High)
0.5
1.7
1
2
A
RSW
Switch Resistance
ISW = 1000mA
0.3
0.5
Ω
ILK
Switch Leakage Current
Switch Off, VSW = 5V
5
µA
FOSC
Oscillator Frequency
Movie Mode
Flash Mode
1.2
0.9
MHz
VOVP
OVP pin threshold
1.10
1.20
1.30
V
η
Efficiency
VOUT = 10V, Load = 200mA
85
%
TSD
Thermal Shutdown
150
ºC
THYST
Thermal Hysteresis
20
ºC
VUVLO
Undervoltage Lock Out
(UVLO) Threshold
Disabled when VIN < VUVLO
1.9
2.2
V
EN LOGIC CONTROL INPUT
VSDHI
VSDLO
Logic High Threshold
Logic Low Threshold
EN > VSDHI Enables Device
0.4
0.7
0.7
1.5
V
ISDBIAS
Input Bias current
EN = 3V
10
40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com