Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4240 Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT4240
Description  6 Watt Boost LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4240 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT4240 Datasheet HTML 6Page - Catalyst Semiconductor CAT4240 Datasheet HTML 7Page - Catalyst Semiconductor CAT4240 Datasheet HTML 8Page - Catalyst Semiconductor CAT4240 Datasheet HTML 9Page - Catalyst Semiconductor CAT4240 Datasheet HTML 10Page - Catalyst Semiconductor CAT4240 Datasheet HTML 11Page - Catalyst Semiconductor CAT4240 Datasheet HTML 12Page - Catalyst Semiconductor CAT4240 Datasheet HTML 13Page - Catalyst Semiconductor CAT4240 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CAT4240
© Catalyst Semiconductor, Inc.
13
Doc. No. MD-5026 Rev. C
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION (1)
SERIES LED DRIVERS
Part Number
Description
CAT4137
CMOS Boost Converter – White LED Driver
CAT4237
High Voltage CMOS Boost White LED Driver
CAT4238
High Efficiency 10 LED Boost Converter
CAT4139
22V High Current Boost White LED Driver
CAT4240
6 Watt Boost LED Driver
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(3) The device used in the above example is a CAT4240–GT3 (TSOT-23, NiPdAu, Tape & Reel).
(4) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office. -free, Halogen-free).
(5) Switch current limit, typical values.
Prefix
Device #
Suffix
CAT
4240
TD
–
G
T3
Optional
Company ID
Product Number
4240
Tape & Reel
T: Tape & Reel
3: 3000/Reel
Package
TD: Thin SOT-23 (Lead-free, Halogen-free)
Lead Finish
G: NiPdAu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com