Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5113 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT5113
Description  100-Tap Digitally Programmable Potentiometer (DPP??
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5113 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT5113 Datasheet HTML 1Page - Catalyst Semiconductor CAT5113 Datasheet HTML 2Page - Catalyst Semiconductor CAT5113 Datasheet HTML 3Page - Catalyst Semiconductor CAT5113 Datasheet HTML 4Page - Catalyst Semiconductor CAT5113 Datasheet HTML 5Page - Catalyst Semiconductor CAT5113 Datasheet HTML 6Page - Catalyst Semiconductor CAT5113 Datasheet HTML 7Page - Catalyst Semiconductor CAT5113 Datasheet HTML 8Page - Catalyst Semiconductor CAT5113 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CAT5113
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-2009 Rev. V
Characteristics subject to change without notice
100-Tap Digitally Programmable Potentiometer (DPP™)
FEATURES
100-position linear taper potentiometer
Non-volatile EEPROM wiper storage
10nA ultra-low standby current
Single supply operation: 2.5V – 6.0V
Increment up/down serial interface
Resistance values: 1kΩ, 10kΩ, 50kΩ and 100kΩ
Available in PDIP, SOIC, TSSOP and MSOP
packages
APPLICATIONS
Automated product calibration
Remote control adjustments
Offset, gain and zero control
Tamper-proof calibrations
Contrast, brightness and volume controls
Motor controls and feedback systems
Programmable analog functions
For Ordering Information details, see page 12.
DESCRIPTION
The CAT5113 is a single digitally programmable
potentiometer (DPP™) designed as a electronic
replacement for mechanical potentiometers. Ideal for
automated adjustments on high volume production
lines, they are also well suited for applications where
equipment requiring periodic adjustment is either
difficult to access or located in a hazardous or remote
environment.
The CAT5113 contains a 100-tap series resistor array
connected between two terminals RH and RL. An up/
down counter and decoder that are controlled by three
input pins, determines which tap is connected to the
wiper, RW. The wiper setting, stored in nonvolatile
memory, is not lost when the device is powered down
and is automatically reinstated when power is
returned. The wiper can be adjusted to test new
system values without affecting the stored setting.
Wiper-control of the CAT5113 is accomplished with
three input control pins, CS
¯¯ , U/D
¯, and INC
¯¯¯. The INC
¯¯¯
input increments the wiper in the direction which is
determined by the logic state of the U/D
¯ input. The CS
¯¯
input is used to select the device and also store the
wiper position prior to power down.
The digitally programmable potentiometer can be
used as a three-terminal resistive divider or as a two-
terminal variable resistor.
FUNCTIONAL DIAGRAM
RH
RL
Control
and
Memory
Power On Recall
VCC
GND
U/D
INC
CS
RH
RL
RW
RW
Electronic Potentiometer
Implementation
Detailed
General
ONE
OF
THIRTY TWO
DECODER
31
30
29
28
2
1
0
TRANSFER
GATES
RESISTOR
ARRAY
5-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
5-BIT
UP/DOWN
COUNTER
VCC
GND
RH
RW
RL
U/D
INC
CS


Similar Part No. - CAT5113

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113 Datasheet
452Kb / 9P
100-Tap Digitally Programmable Potentiometer
CAT5113 CATALYST-CAT5113 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113 Datasheet
282Kb / 13P
100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
CAT5113 ONSEMI-CAT5113 Datasheet
182Kb / 13P
100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
More results

Similar Description - CAT5113

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
32-Tap Digitally Programmable Potentiometer (DPP)
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
100-Tap Digitally Programmable Potentiometer (DPP??
CAT5116 CATALYST-CAT5116_07 Datasheet
264Kb / 12P
Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
CAT5116 ONSEMI-CAT5116 Datasheet
616Kb / 12P
Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com