Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST62T35B Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST62T35B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T35B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST62T35B Datasheet HTML 2Page - STMicroelectronics ST62T35B Datasheet HTML 3Page - STMicroelectronics ST62T35B Datasheet HTML 4Page - STMicroelectronics ST62T35B Datasheet HTML 5Page - STMicroelectronics ST62T35B Datasheet HTML 6Page - STMicroelectronics ST62T35B Datasheet HTML 7Page - STMicroelectronics ST62T35B Datasheet HTML 8Page - STMicroelectronics ST62T35B Datasheet HTML 9Page - STMicroelectronics ST62T35B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
6/82
ST62T35B/E35B
INTRODUCTION (Cont’d)
OTP and EPROM devices are functionally identi-
cal. The ROM based versions offer the same func-
tionality selecting as ROM options the options de-
fined in the programmable option byte of the
OTP/EPROM versions.OTP devices offer all the
advantages of user programmability at low cost,
which make them the ideal choice in a wide range
of applications where frequent code changes,
multiple code versions or last minute programma-
bility are required.
These compact low-cost devices feature a Timer
comprising an 8-bit counter and a 7-bit program-
mable prescaler, an 16-bit Auto-Reload Timer,
with 2 input capture channels, EEPROM data ca-
pability, a serial synchronous port communication
interface (SPI), a serial asynchronous port inter-
face (UART), an 8-bit A/D Converter with 24 ana-
log inputs and a Digital Watchdog timer, making
them well suited for a wide range of automotive,
appliance and industrial applications.
Figure 2. ST62T35B/E35B Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
32
31
30
29
28
27
33
14151617181920212223242526
52515049484746454443424140
NC
OSCin
OSCout
Ain/PC7
Ain/PC6
Ain/PC5
VSSP
VDDP
VSS
VDD
TEST/VPP
(1)
RESET
PA4/Ain/CP 1
PA5/Ain/CP 2
PA6/Ain
PA7/Ain
TIMER
NMI
AVSS
AVDD
PD0/Ain
PD1/Ain/SCL
PD2/Ain/Si n
PD3/Ain/Sout
NC
1. V
PP
on EPROM/OTP only
VR02008
Ain/PC4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com