| Electronic Components Datasheet Search |
|
PSD411A1 Datasheet(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD411A1 Datasheet(HTML) 74 Page - STMicroelectronics |
|
74 / 123 page ![]() PSD4XX Family 71 PSD4XX Family The PSD4XX Architecture (cont.) Port Configuration Pin Status I/O Port Unchanged ZPLD Output Depend on Inputs to the ZPLD Address Out Undefined Data Port Tri-stated Peripheral I/O Tri-stated Table 20. I/O Pin Status During Power Down And Sleep Mode t Input Clock The PSD4XX provides the option to turn off the clock inputs to save AC power consumption. The clock input (CLKIN) is used as a source for driving the following modules: t ZPLD Array Clock Input t ZPLD MacroCell Clock Flip Flop t APD Counter Clock During power down or if any of the modules are not being used the clock to these modules should be disabled. To reduce AC power consumption, it is especially important to disable the clock input to the ZPLD array if it is not used as part of a logic equation. The ZPLD Array Clock can be disabled by setting PMMR0 bit 5 (ZPLD ACLK). The ZPLD MacroCell Clock Input can be disabled by setting PMMR0 bit 6 (ZPLD RCLK). The Timer Clock can be disabled by setting PMMR0 bit 7 (TMR CLK). The APD Counter Clock will be disabled automatically if Power Down or Sleep Mode is entered through the APD unit. The input buffer of the CLKIN input will be disabled if bits 5 – 7 PMMR0 are set and the APD has overflowed. PLD PLD Access Access Propagation Recovery Time Recovery Delay Time To Time To Normal Normal Operation Access Power Down Normal t PD 0 No Access t LVDV (Note 1) Sleep t LVDV2 t LVDV3 No Access t LVDV1 (Note 2) (Note 3) Summary of PSD4XX Timing and Standby Current During Power Down and Sleep Modes NOTES: 1. Power Down does not affect the operation of the ZPLD. The ZPLD operation in this mode is based only on the ZPLD_Turbo Bit. 2. In Sleep Mode any input to the ZPLD will have a propagation delay of tLVDV2. 3. PLD recovery time to normal operation after exiting Sleep Mode. An input to the ZPLD during the transition will have a propagation delay time of tLVDV3. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |