Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST62T52B Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST62T52B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T52B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST62T52B Datasheet HTML 12Page - STMicroelectronics ST62T52B Datasheet HTML 13Page - STMicroelectronics ST62T52B Datasheet HTML 14Page - STMicroelectronics ST62T52B Datasheet HTML 15Page - STMicroelectronics ST62T52B Datasheet HTML 16Page - STMicroelectronics ST62T52B Datasheet HTML 17Page - STMicroelectronics ST62T52B Datasheet HTML 18Page - STMicroelectronics ST62T52B Datasheet HTML 19Page - STMicroelectronics ST62T52B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
16/68
ST62T52B ST62T62B/E62B
3 CLOCKS, RESET, INTERRUPTS AND POWER SAVING MODES
3.1 CLOCK SYSTEM
The MCU features a Main Oscillator which can be
driven by an external clock, or used in conjunction
with an AT-cut parallel resonant crystal or a suita-
ble ceramic resonator, or with an external resistor
(RNET).
Figure 8. illustrates various possible oscillator con-
figurations using an external crystal or ceramic res-
onator, an external clock input, an external resistor
(RNET). CL1 an CL2 should have a capacitance in the
range 12 to 22 pF for an oscillator frequency in the
4-8 MHz range.
Aprogrammable divider is provided in order to adjust
the internal clock of the MCU to the best power con-
sumption and performance trade-off.
The internal MCU clock frequency (fINT) drives di-
rectly the AR TIMER while it is divided by 12 to
drive the TIMER, the A/D converter and the
Watchdog timer, and by 13 to drive the CPU core,
as may be seen in Figure 9..
With an 8 MHz oscillator frequency, the fastest
machine cycle is therefore 1.625µs.
A machine cycle is the smallest unit of time needed
to execute any operation (for instance, to increment
the Program Counter). An instruction may require
two, four, or five machine cycles for execution.
3.1.1 Main Oscillator
The oscillator configuration may be specified by se-
lecting the appropriate option. When the CRYS-
TAL/RESONATOR option is selected, it must be
used with a quartz crystal, a ceramic resonator or
an external signal provided on the OSCin pin. When
the RC NETWORK option is selected, the system
clock is generated by an external resistor.
Figure 8. Oscillator Configurations
OSCin
OSCout
CL1n
CL2
ST6xxx
CRYSTAL/RESONATOR CLOCK
CRYSTAL/RESONATOR option
OSCin
OSCout
ST6xxx
EXTERNAL CLOCK
CRYSTAL/RESONATOR option
NC
OSCin
OSCout
RNET
ST6xxx
RC NETWORK
RC NETWORK option
NC
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com