Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC35 Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EC35
Description  OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC35 Datasheet(HTML) 1 Page - Ecliptek Corporation

  EC35 Datasheet HTML 1Page - Ecliptek Corporation EC35 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
EC35 Series
• RoHS Compliant (Pb-Free)
• HCMOS/TTL output
• 5.0V Supply Voltage
• Ceramic SMD package
• Stability to ±20ppm
• Standby Function
ECLIPTEK CORP.
OSCILLATOR
EC35
CERAMIC
5.0V
OS90
01/06
OSCILLATOR
EC35
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
Frequency Range (F
O)
Operating Temperature Range (OTR)
Storage Temperature Range (STR)
Supply Voltage (V
DD)
Input Current (I
DD)(No Load)
Frequency Tolerance/Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time (T
R/TF)
Duty Cycle (SYM)
Load Drive Capability (C
LOAD)
Tri-State Input Voltage
Standby Current
Start Up Time (T
S)
RMS Phase Jitter
1.544MHz to 35.000MHz
35.001MHz to 70.000MHz
70.001MHz to 100.000MHz
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, First Year Aging
at 25°C, Shock, and Vibration
w/ TTL Load
w/ HCMOS Load
w/ TTL Load
w/ HCMOS Load
< 35.000MHz 20% to 80% of Waveform
> 35.000MHz 20% to 80% of Waveform
at 50% of Waveform
1.544MHz to 35.000MHz
35.001MHz to 70.000MHz
70.001MHz to 100.000MHz
No Connection
V
IH: >90% of VDD
V
IL: <10% of VDD
Disabled Output: High Impedance
12kHz to 20MHz offset frequency
1.544MHz to 100.000MHz
-10°C to 70°C or -40°C to 85°C
-55°C to 125°C
5.0V
DC ±10%
20mA Maximum
40mA Maximum
60mA Maximum
±100ppm, ±50ppm, ±25ppm,
or ±20ppm Maximum
2.4V
DC Minimum
(I
OH = -16mA)
V
DD-0.5VDC Minimum (IOH = -16mA)
0.4V
DC Maximum
(I
OL = +16mA)
0.5V
DC Maximum
(I
OL = +16mA)
6 nSeconds Maximum
4 nSeconds Maximum
50 ±10(%) (Standard)
50 ±5(%) (Optional)
10TTL Load or 50pF HCMOS Load
50pF HCMOS Load
30pF HCMOS Load
Enables Output
Enables Output
Disables Output: High Impedance
10µA Maximum
10 mSeconds Maximum
1pSeconds Maximum
H 1.3
L 5.0
W 3.2


Similar Part No. - EC35

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
EC35 FERROXCUBE-EC35 Datasheet
52Kb / 2P
EC cores and accessories
logo
Relpol S.A.
EC35 RELPOL-EC35 Datasheet
10Mb / 20P
Plug-in sockets and accessories
logo
EPCOS
EC350X EPCOS-EC350X Datasheet
124Kb / 4P
Surge arrester 2-electrode arrester
EC350XN EPCOS-EC350XN Datasheet
538Kb / 6P
SURGE ARRESTERS
logo
List of Unclassifed Man...
EC3581 ETC2-EC3581 Datasheet
339Kb / 14P
2-IN-1 PnP SERIAL MOUSE CONTROLLER WITH AUTO-REF
More results

Similar Description - EC35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
OSCILLATOR
logo
Ecliptek Corporation
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
OSCILLATOR
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
OSCILLATOR
EH25 ECLIPTEK-EH25 Datasheet
142Kb / 2P
OSCILLATOR
EB15E2 ECLIPTEK-EB15E2 Datasheet
101Kb / 2P
OSCILLATOR
logo
Jauch Quartz Gmbh
JO32 JAUCH-JO32 Datasheet
530Kb / 2P
Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com