Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6365 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST6365
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6365 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST6365 Datasheet HTML 33Page - STMicroelectronics ST6365 Datasheet HTML 34Page - STMicroelectronics ST6365 Datasheet HTML 35Page - STMicroelectronics ST6365 Datasheet HTML 36Page - STMicroelectronics ST6365 Datasheet HTML 37Page - STMicroelectronics ST6365 Datasheet HTML 38Page - STMicroelectronics ST6365 Datasheet HTML 39Page - STMicroelectronics ST6365 Datasheet HTML 40Page - STMicroelectronics ST6365 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
37/84
ST6365, ST6375, ST6385 ST6367, ST6377, ST6387
SERIAL PERIPHERAL INTERFACE (Cont’d)
4.3.2 S-BUS/I2C BUS Timing Diagrams
The clock of the S-BUS/I
2C BUS of the ST638x
SPI (single master only) has a fixed bus clock fre-
quency of 62.5KHz. All the devices connected to
the bus must be able to follow transfers with fre-
quencies up to 62.5KHz, either by being able to
transmit or receive at that speed or by applying the
clock synchronization procedure which will force
the master into a wait state and stretch low peri-
ods.
Figure 25. S-BUS Timing Diagram
VA00454
03
4
1
SCL
SEN (TRANSMIT)
SDA (TRANSMIT)
SDA pulled low by receiver
if acknowledged.
^ ^ ^
^ ^ ^
SDA pulled low by SPI Peripheral.
SDA (RECEIVE)
SEN (RECEIVE)
SEN (START)
SDA (START)
^ ^ ^
SDA pulled low by receiver
if acknowledged.
SEN (STOP)
SDA (STOP)
^ ^ ^
SDA pulled low by receiver if acknowledge. If in receive then there
will be no ACK. by the SPI.
SCL
SCL
2
16
A
7
5
57
A
6
12
1
4
3
0
57
A
6
12
1
4
3
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com