Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSS60 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSS60
Description  60 Watt Single Output AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSS60 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSS60 Datasheet HTML 1Page - Wall Industries,Inc. PSS60 Datasheet HTML 2Page - Wall Industries,Inc. PSS60 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSS60 Series
60 Watt
Single Output
AC/DC Power Supply
FEATURES
● 2 Year Warranty
● Low Cost, High Reliability
● Fixed Switching Frequency
● Compact Size, Light Weight
● 100% Full Load Burn-In Tested
● Cooling by Free Air Convection
● Universal AC Input / Full Range
● Built-In EMI Filter, Low Ripple and Noise
● High Efficiency, Low Working Temperature
● Short Circuit, Overload, and Over Voltage Protected
SPECIFICATIONS: PSS60 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
85 ~ 264VAC or 120 ~ 370VDC
Input Frequency
47 to 63Hz
AC Current (typical)
2A @ 115VAC
1A @ 230VAC
Inrush Current (typical)
Cold Start 20A @ 115VAC
40A @ 230VAC
Leakage Current
< 3.5mA @ 240VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power
See Table
Voltage Tolerance (See Note 3)
PSS-60-5: ±2.0%;
Other Models: ±1.0%
Voltage Adjustment Range
See Table
Line Regulation
±0.5%
Load Regulation
PSS-60-5: ±1.0%;
Other Models: ±0.5%
Output Current
See Table
Ripple & Noise (max) (See Note 2)
PSS-60-5 & PSS-60-12: 120mVp-p;
PSS-60-15 & PSS-60-24: 150mVp-p
Setup, Rise Time
300ms, 50ms @ 230VAC
800ms, 50ms @ 115VAC and full load
Hold Up Time (typical)
80ms @ 230VAC 12ms @115VAC and full load
Temperature Coefficient
±0.03%/°C (0 ~ 50°C)
PROTECTION
Over Voltage Protection
115% to 135% (See Table)
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
Overload Protection
105 ~ 150% rated output power
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
GENERAL SPECIFICATIONS
Switching Frequency
77KHz
Efficiency
See Table
Withstand Voltage
3000VAC (Input to Output), 1500VAC (Input to FG), 500VAC (Output to FG)
Isolation Resistance
100MΩ/500DC (Input to Output, Input to FG, and Output to FG)
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-10°C to +60°C (refer to output load derating curve)
Storage Temperature
-20°C to +85°C
Working Humidity
20 ~ 90% RH non-condensing
Storage Humidity
10 ~ 95% RH
Cooling
Free air convection
Vibration
10 ~ 500Hz, 2G 10min./1 cycle, 60min each along X, Y, Z axes.
MTBF
316,200 hours min. @ 25°C (MIL-HDBK-217F)
PHYSICAL SPECIFICATIONS
Weight
510 grams
Dimensions
159(L) x 97(W) x 38(H) mm
Warranty
2 years
SAFETY & EMC
Safety Standards
UL1012, UL60950-1, TUV EN60950-1 Approved
EMI Conduction & Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2,-3
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light industry level, criteria A


Similar Part No. - PSS60

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PSS60 ALTECH-PSS60 Datasheet
121Kb / 1P
60W Single Output Industrial DIP Rail Power Supply PS-S60 Series
More results

Similar Description - PSS60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSD60 WALL-PSD60 Datasheet
154Kb / 3P
60 Watt Dual Output AC/DC Power Supply
PSQ60 WALL-PSQ60 Datasheet
159Kb / 3P
60 Watt Quad Output AC/DC Power Supply
PSS40 WALL-PSS40 Datasheet
157Kb / 3P
40 Watt Single Output AC/DC Power Supply
PSS100 WALL-PSS100 Datasheet
152Kb / 3P
100 Watt Single Output AC/DC Power Supply
PSS150 WALL-PSS150 Datasheet
153Kb / 3P
150 Watt Single Output AC/DC Power Supply
PSS240 WALL-PSS240 Datasheet
157Kb / 3P
240 Watt Single Output AC/DC Power Supply
PSS320 WALL-PSS320 Datasheet
158Kb / 3P
320 Watt Single Output AC/DC Power Supply
logo
C&D Technologies
TPS_TX1000 CANDD-TPS_TX1000 Datasheet
366Kb / 4P
1000 Watt, Single Output, AC/DC Power Supply
logo
Wall Industries,Inc.
DTSPU50 WALL-DTSPU50 Datasheet
158Kb / 3P
60 Watt Single Output AC/DC Desktop Power Supply
DTSPU60 WALL-DTSPU60 Datasheet
154Kb / 3P
60 Watt Single Output AC/DC Desktop Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com