Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST52T400F0M6 Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST52T400F0M6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400F0M6 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST52T400F0M6 Datasheet HTML 86Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 87Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 88Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 89Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 90Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 91Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 92Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 93Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 90 / 94 page
background image
ST52T400/T440/E440/T441
90/94
Table 11.22 CDIP28W PACKAGE MECHANICAL DATA
DIM
mm
inch.
MIN
TYP.
MAX
MIN
TYP.
MAX
A
5.72
0.225
A1
0.51
1.40
0.020
0.055
A2
3.91
4.57
0.154
0.180
A3
3.89
4.50
0.153
0.177
B
0.41
0.56
0.016
0.022
B1
1.45
0.057
C
0.23
0.30
0.009
0.012
D
36.50
37.34
1.437
1.470
D2
33.02
1.300
E
15.24
0.600
E1
13.06
13.36
0.514
0.526
e
2.54
0.100
eA
14.99
0.590
eB
16.18
18.03
0.637
0.710
L
3.18
4.10
0.125
0.161
S
1.52
2.49
0.060
0.098
∅
8.89
0.350
α
4°
11°
4°
11°
N28
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com