Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847C Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # BC847C
Description  SMD General Purpose Transistor (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BC847C Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  BC847C Datasheet HTML 1Page - TAITRON Components Incorporated BC847C Datasheet HTML 2Page - TAITRON Components Incorporated BC847C Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. A/AH 2008-05-29
BC846/BC847/BC848
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 3
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFA
(800)-824-8329
(661)-257-6415
SMD General Purpose
Transistor (NPN)
SMD General Purpose Transistor (NPN)
Features
• NPN Silicon Epitaxial Planar Transistor for
Switching and Amplifier Applications
Mechanical Data
Case:
SOT-23, Plastic Package
Terminals:
Solderable per MIL-STD-202G, Method 208
Weight:
0.008 gram
Marking Information
BC846A
BC846B
BC847A
BC847B
BC847C
BC848A
BC848B
BC848C
Marking Code
1A
1B
1E
1F
1G
1J
1K
1L
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
BC846
BC847
BC848
Unit
Conditions
VCBO
Collector-Base Voltage
80
50
30
V
VCEO
Collector-Emitter Voltage
65
45
30
V
VEBO
Emitter-Base Voltage
6
6
5
V
IC
Collector Current
100
mA
Ptot
Power Dissipation
350
mW
Note 1
TJ
Junction Temperature
150
° C
TSTG
Storage Temperature Range
-55 to +150
° C
Note: 1. Package mounted on 99.5% Alumina 10 x 8 x 0.6mm.
SOT-23


Similar Part No. - BC847C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847C PHILIPS-BC847C Datasheet
80Kb / 10P
NPN general purpose transistors
2004 Feb 06
logo
Transys Electronics
BC847C TRSYS-BC847C Datasheet
371Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Siemens Semiconductor G...
BC847C SIEMENS-BC847C Datasheet
273Kb / 8P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Fairchild Semiconductor
BC847C FAIRCHILD-BC847C Datasheet
394Kb / 12P
NPN General Purpose Amplifier
logo
Diodes Incorporated
BC847C DIODES-BC847C Datasheet
60Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 14 - 2
More results

Similar Description - BC847C

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
TAITRON Components Inco...
MMBT2222A TAITRON-MMBT2222A Datasheet
224Kb / 3P
SMD General Purpose Transistor (NPN)
MMBT3904 TAITRON-MMBT3904 Datasheet
205Kb / 3P
SMD General Purpose Transistor (NPN)
MMBT4401 TAITRON-MMBT4401 Datasheet
225Kb / 3P
SMD General Purpose Transistor (NPN)
MMBTA05 TAITRON-MMBTA05 Datasheet
203Kb / 3P
SMD General Purpose Transistor (NPN)
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
SSTA06HZG ROHM-SSTA06HZG Datasheet
1Mb / 9P
NPN General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com