Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF08S Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # DF08S
Description  1.0A Surface Mount Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

DF08S Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  DF08S Datasheet HTML 1Page - TAITRON Components Incorporated DF08S Datasheet HTML 2Page - TAITRON Components Incorporated DF08S Datasheet HTML 3Page - TAITRON Components Incorporated DF08S Datasheet HTML 4Page - TAITRON Components Incorporated DF08S Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. B/AH 2008-05-29
DF005S – DF12S
1.0A Surface Mount
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
1.0A Surface Mount Bridge Rectifier
Features
• Glass passivated chip junction
• Low forward voltage drop
• High surge current capability
• Ideal for printed circuit boards
• Designed for surface mount application
• High temperature soldering guaranteed: 260˚C/10 seconds
0.375” (9.5mm) lead length at 5lbs.(2.3kg) tension
• RoHS compliant
Mechanical Data
Case:
DFS, Molded plastic body over passivated junction
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated leads solderable per MIL-STD-202, method 208
Polarity:
As marked on body
Weight:
0.014 ounce, 0.4 grams
Maximum Ratings And Electrical Characteristics (T
amb=25˚C)
Symbol
Description
DF
005S
DF
01S
DF
02S
DF
04S
DF
06S
DF
08S
DF
10S
DF
12S
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
1000
1200
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
840
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
1200
V
IF(AV)
Maximum Average
Forward Rectified
Current
1.0
A
TA=40° C
Note 1
IFSM
Peak Forward Surge
Current
50
A
8.3ms Single Sine-
wave Superimposed
on Rated Load
(JEDEC Method)
I²t
Rating for Fusing
(t<8.3ms)
10
A²sec
DFS


Similar Part No. - DF08S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF08S WTE-DF08S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
DF08S ZOWIE-DF08S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
DF08S JGD-DF08S Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
DF08S SSE-DF08S Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF08S FAIRCHILD-DF08S Datasheet
33Kb / 3P
1.5 Ampere Bridge Rectifiers
More results

Similar Description - DF08S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF005S DIODES-DF005S_1 Datasheet
88Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17001 Rev. 13 - 2
logo
TAITRON Components Inco...
CB2321T12 TAITRON-CB2321T12 Datasheet
210Kb / 6P
1.0A Surface Mount Bridge Rectifier
logo
Diodes Incorporated
DF01S-TF DIODES-DF01S-TF Datasheet
84Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
ABS05-1A ZSELEC-ABS05-1A Datasheet
91Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
KMB12F ZSELEC-KMB12F Datasheet
389Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KMB12S ZSELEC-KMB12S Datasheet
389Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
S1WB05 ZSELEC-S1WB05 Datasheet
102Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TS120S ZSELEC-TS120S Datasheet
135Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
B40C800DM ZSELEC-B40C800DM Datasheet
77Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com