| Electronic Components Datasheet Search |
|
ST72141K2 Datasheet(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72141K2 Datasheet(HTML) 85 Page - STMicroelectronics |
|
85 / 132 page ![]() ST72141K 85/132 16-BIT TIMER (Cont’d) Notes: 1. After a processor write cycle to the OC iHR reg- ister, the output compare function is inhibited until the OC iLR register is also written. 2. If the OC iE bit is not set, the OCMPi pin is a general I/O port and the OLVL i bit will not appear when a match is found but an interrupt could be generated if the OCIE bit is set. 3. When the timer clock is fCPU/2, OCFi and OCMP i are set while the counter value equals the OC iR register value (see Figure 52). This behaviour is the same in OPM or PWM mode. When the timer clock is fCPU/4, fCPU/8 or in external clock mode, OCF i and OCMPi are set while the counter value equals the OC iR regis- ter value plus 1 (see Figure 53). 4. The output compare functions can be used both for generating external events on the OCMP i pins even if the input capture mode is also used. 5. The value in the 16-bit OCiR register and the OLV i bit should be changed after each suc- cessful comparison in order to control an output waveform or establish a new elapsed timeout. Forced Compare Output capability When the FOLV i bit is set by software, the OLVLi bit is copied to the OCMP i pin. The OLVi bit has to be toggled in order to toggle the OCMP i pin when it is enabled (OC iE bit=1). The OCFi bit is then not set by hardware, and thus no interrupt request is generated. FOLVL i bits have no effect in either One-Pulse mode or PWM mode. Figure 51. Output Compare Block Diagram OUTPUT COMPARE 16-bit CIRCUIT OC1R Register 16 BIT FREE RUNNING COUNTER OC1E CC0 CC1 OC2E OLVL1 OLVL2 OCIE (Control Register 1) CR1 (Control Register 2) CR2 0 0 0 OCF2 OCF1 (Status Register) SR 16-bit 16-bit OCMP1 OCMP2 Latch 1 Latch 2 OC2R Register Pin Pin FOLV2 FOLV1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |