Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEN30DP Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # FEN30DP
Description  30A Super Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

FEN30DP Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  FEN30DP Datasheet HTML 1Page - TAITRON Components Incorporated FEN30DP Datasheet HTML 2Page - TAITRON Components Incorporated FEN30DP Datasheet HTML 3Page - TAITRON Components Incorporated FEN30DP Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30A Super Fast Recovery Rectifier
Rev. A/AH 2008-03-28
FEN30AP – FEN30DP
www.taitroncomponents.com
Page 2 of 4
Fig.1-Forward Current Derating Curve
Lead Temperature (°C)
Fig.2-Max. Non-Repetitive Peak Forward Surge Current
per leg
Number of Cycles at 60Hz
Typical Characteristics Curves
Symbol
Description
FEN
30AP
FEN
30BP
FEN
30CP
FEN
30DP
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage per leg
0.975
V
IF=15A, TC=25° C
10
TC=25° C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage per leg
500
µA
TC=150° C
Trr
Typical Reverse
Recovery Time per leg
35
nS
IF=0.5A, IR=1A,
Irr=0.25A
CJ
Typical Junction
Capacitance per leg
250
pF
VR=4V, f=1MHz
TJ,TSTG
Operating and Storage
Junction Temperature
Range
-65 to +150
° C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com