Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP30D Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # GP30D
Description  3.0A Sintered Glass Passivated Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GP30D Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  GP30D Datasheet HTML 1Page - TAITRON Components Incorporated GP30D Datasheet HTML 2Page - TAITRON Components Incorporated GP30D Datasheet HTML 3Page - TAITRON Components Incorporated GP30D Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.0A Sintered Glass Passivated Rectifier
Rev. B/AH 2008-01-16
GP30A – GP30M
www.taitroncomponents.com
Page 2 of 4
Fig.1-Max. Forward Current Derating Curve
Ambient Temperature Ta (°C)
Fig.2-Max. Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Note: Thermal resistance from junction to ambient at 0.375” (9.5mm) lead lengths, P.C.B mounted.
Typical Characteristics Curves
Symbol
Description
GP30A
GP30B
GP30D
GP30G
GP30J
GP30K
GP30M
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
1.0
V
IF=3.0 A
5
TA=25° C
50
TA=125° C
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
100
µA
TA=150° C
CJ
Typical Junction
Capacitance
40
pF
VR=4V, f=1MHz
RthJA
RthJL
Typical Thermal
Resistance
20
10
°C / W
Note
TJ,TSTG
Operating Junction
and Storage
Temperature Range
-65 to +175
° C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com