Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72141K2B1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST72141K2B1
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K2B1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST72141K2B1 Datasheet HTML 6Page - STMicroelectronics ST72141K2B1 Datasheet HTML 7Page - STMicroelectronics ST72141K2B1 Datasheet HTML 8Page - STMicroelectronics ST72141K2B1 Datasheet HTML 9Page - STMicroelectronics ST72141K2B1 Datasheet HTML 10Page - STMicroelectronics ST72141K2B1 Datasheet HTML 11Page - STMicroelectronics ST72141K2B1 Datasheet HTML 12Page - STMicroelectronics ST72141K2B1 Datasheet HTML 13Page - STMicroelectronics ST72141K2B1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 132 page
background image
ST72141K
10/132
1.4 REGISTER & MEMORY MAP
As shown in Figure 6, the MCU is capable of ad-
dressing 64K bytes of memories and I/O registers.
The available memory locations consist of 128
bytes of register locations, 256 bytes of RAM and
8Kbytes of user program memory. The RAM
space includes up to 64 bytes for the stack from
0140h to 017Fh.
The highest address bytes contain the user reset
and interrupt vectors.
Figure 6. Memory Map
Table 2. Interrupt Vector Map
0000h
Program Memory
(8K Bytes)
Interrupt & Reset Vectors
HW Registers
DFFFh
0080h
007Fh
(see Table 3)
E000h
FFDFh
FFE0h
FFFFh
(see Table 2)
0180h
Reserved
017Fh
Short Addressing
RAM
16-bit Addressing
0100h
013Fh
0080h
00FFh
256 Bytes RAM
RAM
Stack or
16-bit Addressing
0140h
017Fh
RAM
(64 Bytes)
“Zero page”
(64 Bytes)
(128 Bytes)
Vector Address
Description
Remarks
FFE0-FFE1h
FFE2-FFE3h
FFE4-FFE5h
FFE6-FFE7h
FFE8-FFE9h
FFEA-FFEBh
FFEC-FFEDh
FFEE-FFEFh
FFF0-FFF1h
FFF2-FFF3h
FFF4-FFF5h
FFF6-FFF7h
FFF8-FFF9h
FFFA-FFFBh
FFFC-FFFDh
FFFE-FFFFh
Not used
Not used
Not used
Not used
Not used
TIMER B interrupt vector
TIMER A interrupt vector
SPI interrupt vector
Motor control interrupt vector (events: E, O)
Motor control interrupt vector (events: C, D)
Motor control interrupt vector (events: R, Z)
External interrupt vector EI1: port B7..0
External interrupt vector EI0: port A7..0
Not used
TRAP (software) interrupt vector
RESET vector
Internal Interrupt
External Interrupt
External Interrupt
CPU Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com