Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXUM5 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXUM5
Description  Quartz Crystal Unit UM-5 with reduced height
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXUM5 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXUM5 Datasheet HTML 1Page - Advanced XTAL Products AXUM5 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXUM5
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 929836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXUM5
Issue: 01
Date: 2005-01-15
Oscillator type :
Quartz Crystal Unit UM-5 with reduced height
Parameter
min.
typ. max. Unit
Condition
Frequency range
6
160
MHz
Crystal cut
AT
Mode
1
3
5
6 ~ 50
30 ~ 120
75 ~ 160
MHz
MHz
MHz
Fundamental mode
3rd overtone
5th overtone
Load capacitance CL
5 ~ 100 pF or Series
pF
See ordering code
Adjustment tolerance
± 5 ~ ± 50
ppm
See ordering code
Frequency stability
Frequency stability over temperature range
± 3 ~ ± 50
ppm
See Table 1
operating temperature range (steady state)
-40
+105 °C
See Table 1
long term (aging)
± 2
ppm
per year
Resonance resistance Rr max
Ω
See Table 2
Motional capacitance C1
fF
Static capacitance C0
5
pF
Drive level
0,01
100
1000
µW
Insulation resistance
500
M
Ω
100 V DC
Storage temperature range
-45
+105 °C
Enclosure (see drawing)
UM-5
Can height
max. 6.0
mm
Flange width
max. 3.2
mm.
SMD configuration
Optional
See ordering code
marking
Frequency (MHz)
AXUM5
wwAXyy
Side 1
Date Code & MfG Code
Packing
Bulk / Tape & reel
T&R On request
Notes:
1. Terminology and test conditions are according to IEC standard IEC60122-1, unless otherwise stated
2. Measurement technique according to IEC 60444-5 or equivalent
Table 1: Frequency Stability over Temperature
ppm
± 3
± 5
± 7
± 10 ± 15 ± 20 ± 30 ± 50
°C
Code
1
2
3
4
5
6
7
8
-10 ~ + 60
A
●
●
●
●
●
●
●
●
-20 ~ + 60
B
●
●
●
●
●
●
●
0 ~ + 70
C
●
●
●
●
●
●
●
-10 ~ + 70
D
●
●
●
●
●
●
●
-20 ~ + 70
E
●
●
●
●
●
●
●
-30 ~ + 60
F
●
●
●
●
●
●
-20 ~ + 85
G
●
●
●
●
●
-30 ~ + 70
H
●
●
●
●
●
0 ~ + 85
I
●
●
●
●
●
-40 ~ + 85
J
●
●
●
●
-40 ~ + 90
K
●
●
●
-40 ~ + 105
L
●
●
Table 2: Resistance Rr
Frequency
[MHz]
Mode Rrmax
[
Ω]
6 ~ 9.999
1
40
10 ~ 50
1
25
40 ~ 120
3rd
40
75 ~160
5th
60


Similar Part No. - AXUM5

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXUM4 AXTAL-AXUM4 Datasheet
130Kb / 2P
Quartz Crystal Unit UM-4 low profile
2005-01-15
More results

Similar Description - AXUM5

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXUM4 AXTAL-AXUM4 Datasheet
130Kb / 2P
Quartz Crystal Unit UM-4 low profile
2005-01-15
AXX49T AXTAL-AXX49T Datasheet
127Kb / 2P
Quartz Crystal Unit HC-49/U with reduced height
2005-01-15
AXX52 AXTAL-AXX52 Datasheet
129Kb / 2P
Quartz Crystal Unit HC-52/U / UM-1
2005-01-15
logo
Seiko Instruments Inc
SC-16S SII-SC-16S Datasheet
430Kb / 1P
SMD Quartz Crystal Unit
SC-20S SII-SC-20S Datasheet
304Kb / 1P
SMD Quartz Crystal Unit
SC-32S SII-SC-32S Datasheet
624Kb / 1P
SMD Quartz Crystal Unit
VT-120-F SII-VT-120-F Datasheet
351Kb / 1P
Quartz Crystal Unit
VT-150-F SII-VT-150-F Datasheet
441Kb / 1P
Quartz Crystal Unit
VT-200-F SII-VT-200-F Datasheet
503Kb / 1P
Quartz Crystal Unit
VT-200-FL SII-VT-200-FL Datasheet
428Kb / 1P
Quartz Crystal Unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com