Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F321AR7T6 Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST72F321AR7T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321AR7T6 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST72F321AR7T6 Datasheet HTML 91Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 92Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 93Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 94Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 95Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 96Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 97Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 98Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 185 page
background image
ST72321
95/185
SERIAL PERIPHERAL INTERFACE (Cont’d)
10.5.6 Low Power Modes
10.5.6.1 Using the SPI to wakeup the MCU from
Halt mode
In slave configuration, the SPI is able to wakeup
the ST7 device from HALT mode through a SPIF
interrupt. The data received is subsequently read
from the SPIDR register when the software is run-
ning (interrupt vector fetch). If multiple data trans-
fers have been performed before software clears
the SPIF bit, then the OVR bit is set by hardware.
Note: When waking up from Halt mode, if the SPI
remains in Slave mode, it is recommended to per-
form an extra communications cycle to bring the
SPI from Halt mode state to normal state. If the
SPI exits from Slave mode, it returns to normal
state immediately.
Caution: The SPI can wake up the ST7 from Halt
mode only if the Slave Select signal (external SS
pin or the SSI bit in the SPICSR register) is low
when the ST7 enters Halt mode. So if Slave selec-
tion is configured as external (see Section
10.5.3.2), make sure the master drives a low level
on the SS pin when the slave enters Halt mode.
10.5.7 Interrupts
Note: The SPI interrupt events are connected to
the same interrupt vector (see Interrupts chapter).
They generate an interrupt if the corresponding
Enable Control Bit is set and the interrupt mask in
the CC register is reset (RIM instruction).
Mode
Description
WAIT
No effect on SPI.
SPI interrupt events cause the device to exit
from WAIT mode.
HALT
SPI registers are frozen.
In HALT mode, the SPI is inactive. SPI oper-
ation resumes when the MCU is woken up by
an interrupt with “exit from HALT mode” ca-
pability. The data received is subsequently
read from the SPIDR register when the soft-
ware is running (interrupt vector fetching). If
several data are received before the wake-
up event, then an overrun error is generated.
This error can be detected after the fetch of
the interrupt routine that woke up the device.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
SPI End of Transfer
Event
SPIF
SPIE
Yes
Yes
Master Mode Fault
Event
MODF
Yes
No
Overrun Error
OVR
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com