Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 179Page - STMicroelectronics ST72F521R6TC Datasheet HTML 180Page - STMicroelectronics ST72F521R6TC Datasheet HTML 181Page - STMicroelectronics ST72F521R6TC Datasheet HTML 182Page - STMicroelectronics ST72F521R6TC Datasheet HTML 183Page - STMicroelectronics ST72F521R6TC Datasheet HTML 184Page - STMicroelectronics ST72F521R6TC Datasheet HTML 185Page - STMicroelectronics ST72F521R6TC Datasheet HTML 186Page - STMicroelectronics ST72F521R6TC Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 211 page
background image
ST72521
183/211
12.8 I/O PORT PIN CHARACTERISTICS
12.8.1 General Characteristics
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Figure 100. Connecting Unused I/O Pins
Figure 101. Typical IPU vs. VDD with VIN=VSS
Notes:
1. Data based on characterization results, not tested in production.
2. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
3. When the current limitation is not possible, the VIN maximum must be respected, otherwise refer to IINJ(PIN) specifica-
tion. A positive injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. Refer to Section 12.2.2
on page 163 for more details.
4. Configuration not recommended, all unused pins must be kept at a fixed voltage: using the output mode of the I/O for
example or an external pull-up or pull-down resistor (see Figure 100). Data based on design simulation and/or technology
characteristics, not tested in production.
5. The RPU pull-up equivalent resistor is based on a resistive transistor (corresponding IPU current characteristics de-
scribed in Figure 101).
6. To generate an external interrupt, a minimum pulse width has to be applied on an I/O port pin configured as an external
interrupt source.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage 1)
CMOS ports
0.3xVDD
V
VIH
Input high level voltage 1)
0.7xVDD
Vhys
Schmitt trigger voltage hysteresis 2)
0.7
VIL
Input low level voltage 1)
TTL ports
0.8
VIH
Input high level voltage 1)
2
Vhys
Schmitt trigger voltage hysteresis 2)
1
IINJ(PIN)
3)
Injected Current on an I/O pin
VDD=5V
± 4
mA
ΣI
INJ(PIN)
3) Total injected current (sum of all I/O
and control pins)
± 25
IL
Input leakage current
VSS≤VIN≤VDD
±1
µA
IS
Static current consumption
Floating input mode4)
200
RPU
Weak pull-up equivalent resistor 5)
VIN=VSS
VDD=5V
50
120
250
k
Ω
CIO
I/O pin capacitance
5
pF
tf(IO)out
Output high to low level fall time 1)
CL=50pF
Between 10% and 90%
25
ns
tr(IO)out
Output low to high level rise time 1)
25
tw(IT)in
External interrupt pulse time 6)
1tCPU
10k
Ω
UNUSED I/O PORT
ST72XXX
10k
Ω
UNUSED I/O PORT
ST72XXX
VDD
0
10
20
30
40
50
60
70
80
90
22.5
33 .5
4
4.5
55.5
6
Vdd (V)
Ta=1 40°C
Ta=9 5°C
Ta=2 5°C
Ta=-45 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com