Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 187 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 187 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 183Page - STMicroelectronics ST72F521R6TC Datasheet HTML 184Page - STMicroelectronics ST72F521R6TC Datasheet HTML 185Page - STMicroelectronics ST72F521R6TC Datasheet HTML 186Page - STMicroelectronics ST72F521R6TC Datasheet HTML 187Page - STMicroelectronics ST72F521R6TC Datasheet HTML 188Page - STMicroelectronics ST72F521R6TC Datasheet HTML 189Page - STMicroelectronics ST72F521R6TC Datasheet HTML 190Page - STMicroelectronics ST72F521R6TC Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 211 page
background image
ST72521
187/211
CONTROL PIN CHARACTERISTICS (Cont’d)
12.9.2 ICCSEL/VPP Pin
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Figure 109. Two typical Applications with ICCSEL/VPP Pin
2)
Notes:
1. Data based on design simulation and/or technology characteristics, not tested in production.
2. When ICC mode is not required by the application ICCSEL/VPP pin must be tied to VSS.
12.10 TIMER PERIPHERAL CHARACTERISTICS
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on the input/output alternate function characteristics (out-
put compare, input capture, external clock, PWM output...).
12.10.1 8-Bit PWM-ART Auto-Reload Timer
12.10.2 16-Bit Timer
Symbol
Parameter
Conditions
Min
Max
Unit
VIL
Input low level voltage 1)
FLASH versions
VSS
0.2
V
ROM versions
VSS
0.3xVDD
VIH
Input high level voltage 1)
FLASH versions
VDD-0.1
12.6
ROM versions
0.7xVDD
VDD
IL
Input leakage current
VIN=VSS
±1
µA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tres(PWM) PWM resolution time
1tCPU
fCPU=8MHz
125
ns
fEXT
ART external clock frequency
0
fCPU/2
MHz
fPWM
PWM repetition rate
0
fCPU/2
ResPWM PWM resolution
8
bit
VOS
PWM/DAC output step voltage
VDD=5V, Res=8-bits
20
mV
ICCSEL/VPP
ST72XXX
10k
Ω
PROGRAMMING
TOOL
VPP
ST72XXX
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tw(ICAP)in Input capture pulse time
1
tCPU
tres(PWM) PWM resolution time
2tCPU
fCPU=8MHz
250
ns
fEXT
Timer external clock frequency
0
fCPU/4
MHz
fPWM
PWM repetition rate
0
fCPU/4
MHz
ResPWM PWM resolution
16
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com