Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 191 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 191 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 187Page - STMicroelectronics ST72F521R6TC Datasheet HTML 188Page - STMicroelectronics ST72F521R6TC Datasheet HTML 189Page - STMicroelectronics ST72F521R6TC Datasheet HTML 190Page - STMicroelectronics ST72F521R6TC Datasheet HTML 191Page - STMicroelectronics ST72F521R6TC Datasheet HTML 192Page - STMicroelectronics ST72F521R6TC Datasheet HTML 193Page - STMicroelectronics ST72F521R6TC Datasheet HTML 194Page - STMicroelectronics ST72F521R6TC Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 211 page
background image
ST72521
191/211
COMMUNICATION INTERFACE CHARACTERISTICS (Cont’d)
12.11.3 I
2C - Inter IC Control Interface
Subject to general operating conditions for VDD,
fCPU, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on
the input/output alternate function characteristics
(SDAI and SCLI). The ST7 I2C interface meets the
requirements of the Standard I2C communication
protocol described in the following table.
Figure 113. Typical Application with I
2C Bus and Timing Diagram 4)
Notes:
1. Data based on standard I2C protocol requirement, not tested in production.
2. The device must internally provide a hold time of at least 300ns for the SDA signal in order to bridge the undefined
region of the falling edge of SCL.
3. The maximum hold time of the START condition has only to be met if the interface does not stretch the low period of
SCL signal.
4. Measurement points are done at CMOS levels: 0.3xVDD and 0.7xVDD.
Symbol
Parameter
Standard mode I2C
Fast mode I2C
Unit
Min 1)
Max 1)
Min 1)
Max 1)
tw(SCLL)
SCL clock low time
4.7
1.3
µs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0 3)
0 2)
900 3)
tr(SDA)
tr(SCL)
SDA and SCL rise time
1000
20+0.1Cb
300
tf(SDA)
tf(SCL)
SDA and SCL fall time
300
20+0.1Cb
300
th(STA)
START condition hold time
4.0
0.6
µs
tsu(STA)
Repeated START condition setup time
4.7
0.6
tsu(STO)
STOP condition setup time
4.0
0.6
ns
tw(STO:STA) STOP to START condition time (bus free)
4.7
1.3
ms
Cb
Capacitive load for each bus line
400
400
pF
REPEATED START
START
STOP
START
tf(SDA)
tr(SDA)
tsu(SDA)
th(SDA)
tf(SCK)
tr(SCK)
tw(SCKL)
tw(SCKH)
th(STA)
tsu(STO)
tsu(STA)
tw(STO:STA)
SDA
SCL
4.7k
Ω
SDAI
ST72XXX
SCLI
VDD
100
Ω
100
Ω
VDD
4.7k
Ω
I2CBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com