Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 192 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 192 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 188Page - STMicroelectronics ST72F521R6TC Datasheet HTML 189Page - STMicroelectronics ST72F521R6TC Datasheet HTML 190Page - STMicroelectronics ST72F521R6TC Datasheet HTML 191Page - STMicroelectronics ST72F521R6TC Datasheet HTML 192Page - STMicroelectronics ST72F521R6TC Datasheet HTML 193Page - STMicroelectronics ST72F521R6TC Datasheet HTML 194Page - STMicroelectronics ST72F521R6TC Datasheet HTML 195Page - STMicroelectronics ST72F521R6TC Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 211 page
background image
ST72521
192/211
12.12 10-BIT ADC CHARACTERISTICS
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Figure 114. RAIN max. vs fADC with CAIN=0pF
4)
Figure 115. Recommended CAIN & RAIN values.
5)
Figure 116. Typical A/D Converter Application
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD-VSS=5V. They are given only as design guide-
lines and are not tested.
2. When VDDA and VSSA pins are not available on the pinout, the ADC refers to VDD and VSS.
3. Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
Ω). Data
based on characterization results, not tested in production.
4. CPARASITIC represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad ca-
pacitance (3pF). A high CPARASITIC value will downgrade conversion accuracy. To remedy this, fADC should be reduced.
5. This graph shows that depending on the input signal variation (fAIN), CAIN can be increased for stabilization time and
decreased to allow the use of a larger serial resistor (RAIN).
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
fADC
ADC clock frequency
0.4
2
MHz
VAREF
Analog reference voltage 2)
0.7*VDD≤VAREF≤VDD
3.8
5.5
V
VAIN
Conversion voltage range 3)
VSSA
VAREF
IL
Input leakage current
for analog input
-40°C
≤T
A≤85°C range
±250
nA
Other TA ranges
±1
µA
RAIN
External input impedance
see
Figure
114 and
Figure
1153)4)5)
k
Ω
CAIN
External capacitor on analog input
pF
fAIN
Variation freq. of analog input signal
Hz
CADC
Internal sample and hold capacitor
12
pF
tSTAB
Stabilization time after ADC enable
fCPU=8MHz, SPEED=0
fADC=2MHz
0 5)
µs
tADC
Conversion time (Sample+Hold)
7.5
- No of sample capacitor loading cycles
- No. of Hold conversion cycles
4
11
1/fADC
0
5
10
15
20
25
30
35
40
45
010
30
70
CPARASITIC (pF)
2 MHz
1 MHz
0.1
1
10
100
1000
0.01
0.1
1
10
fAIN(KHz)
Cain 10 nF
Cain 22 nF
Cain 47 nF
AINx
ST72XXX
VDD
IL
±1
µA
VT
0.6V
VT
0.6V
CADC
12pF
VAIN
RAIN
10-Bit A/D
Conversion
2k
Ω(max)
CAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com